Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS82032AGT-4I Datasheet (PDF) - GSI Technology

GS82032AGT-4I Datasheet PDF - GSI Technology
Part # GS82032AGT-4I
Download  GS82032AGT-4I Download

File Size   577.31 Kbytes
Page   22 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 64K x 32 2Mb Synchronous Burst SRAM

GS82032AGT-4I Datasheet (PDF)

Go To PDF Page Download Datasheet
GS82032AGT-4I Datasheet PDF - GSI Technology

Part # GS82032AGT-4I
Download  GS82032AGT-4I Click to download

File Size   577.31 Kbytes
Page   22 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 64K x 32 2Mb Synchronous Burst SRAM

GS82032AGT-4I Datasheet (HTML) - GSI Technology

Back Button GS82032AGT-4I Datasheet HTML 1Page - GSI Technology GS82032AGT-4I Datasheet HTML 2Page - GSI Technology GS82032AGT-4I Datasheet HTML 3Page - GSI Technology GS82032AGT-4I Datasheet HTML 4Page - GSI Technology GS82032AGT-4I Datasheet HTML 5Page - GSI Technology GS82032AGT-4I Datasheet HTML 6Page - GSI Technology GS82032AGT-4I Datasheet HTML 7Page - GSI Technology GS82032AGT-4I Datasheet HTML 8Page - GSI Technology GS82032AGT-4I Datasheet HTML 9Page - GSI Technology GS82032AGT-4I Datasheet HTML 10Page - GSI Technology Next Button 

GS82032AGT-4I Product details

Features

• FT pin for user-configurable flow through or pipelined operation

• Single Cycle Deselect (SCD) operation

• 3.3 V +10%/–5% core power supply

• 2.5 V or 3.3 V I/O supply

• LBO pin for Linear or Interleaved Burst mode

• Internal input resistors on mode pins allow floating mode pins

• Default to Interleaved Pipelined mode

• Byte Write (BW) and/or Global Write (GW) operation

• Common data inputs and data outputs

• Clock Control, registered, address, data, and control

• Internal self-timed write cycle

• Automatic power-down for portable applications

• JEDEC standard 100-lead TQFP package

• Pb-Free 100-lead TQFP package available



Applications

The GS82032A is a 2,097,152-bit high performance

synchronous SRAM with a 2-bit burst address counter.

Although of a type originally developed for Level 2 Cache

applications supporting high performance CPUs, the device

now finds application in synchronous SRAM applications,

ranging from DSP main store to networking chip set support.




Similar Part No. - GS82032AGT-4I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS82032A ETC1-GS82032A Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
GSI Technology
GS82032AQ-133 GSI-GS82032AQ-133 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AQ-133I GSI-GS82032AQ-133I Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AQ-166 GSI-GS82032AQ-166 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032AQ-166I GSI-GS82032AQ-166I Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
More results


Similar Description - GS82032AGT-4I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS820E32AT GSI-GS820E32AT Datasheet
547Kb / 21P
   64K x 32 2Mb Synchronous Burst SRAM
logo
List of Unclassifed Man...
GS82032T ETC1-GS82032T Datasheet
760Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
GSI Technology
GS820H32AT GSI-GS820H32AT Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS820H32T GSI-GS820H32T Datasheet
344Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
GS82032 GSI-GS82032 Datasheet
677Kb / 23P
   64K x 32 2M Synchronous Burst SRAM
logo
List of Unclassifed Man...
UT6164C32 ETC-UT6164C32 Datasheet
224Kb / 15P
   64K X 32 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Alliance Semiconductor ...
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
logo
Cypress Semiconductor
CY7C1297A CYPRESS-CY7C1297A Datasheet
162Kb / 13P
   64K X 18 Synchronous Burst SRAM
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com