Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS816236BB-250I Datasheet (PDF) - GSI Technology

GS816236BB-250I Datasheet PDF - GSI Technology
Part # GS816236BB-250I
Download  GS816236BB-250I Download

File Size   1462.81 Kbytes
Page   37 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs

GS816236BB-250I Datasheet (PDF)

Go To PDF Page Download Datasheet
GS816236BB-250I Datasheet PDF - GSI Technology

Part # GS816236BB-250I
Download  GS816236BB-250I Click to download

File Size   1462.81 Kbytes
Page   37 Pages
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology
Description 1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs

GS816236BB-250I Datasheet (HTML) - GSI Technology

Back Button GS816236BB-250I Datasheet HTML 1Page - GSI Technology GS816236BB-250I Datasheet HTML 2Page - GSI Technology GS816236BB-250I Datasheet HTML 3Page - GSI Technology GS816236BB-250I Datasheet HTML 4Page - GSI Technology GS816236BB-250I Datasheet HTML 5Page - GSI Technology GS816236BB-250I Datasheet HTML 6Page - GSI Technology GS816236BB-250I Datasheet HTML 7Page - GSI Technology GS816236BB-250I Datasheet HTML 8Page - GSI Technology GS816236BB-250I Datasheet HTML 9Page - GSI Technology GS816236BB-250I Datasheet HTML 10Page - GSI Technology Next Button 

GS816236BB-250I Product details

Functional Description
Applications
The GS816218/36BB is an 18,874,368-bit high performance synchronous SRAM with a 2-bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPUs, the device now finds application in synchronous SRAM applications, ranging from DSP main store to networking chip set support.

Features
• FT pin for user-configurable flow through or pipeline operation
• Single/Dual Cycle Deselect selectable
• IEEE 1149.1 JTAG-compatible Boundary Scan
• ZQ mode pin for user-selectable high/low output drive
• 2.5 V or 3.3 V +10%/–10% core power supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to SCD x18/x36 Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 119-bump BGA package




Similar Part No. - GS816236BB-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816236BB-250I GSI-GS816236BB-250I Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS816236BB-250IV GSI-GS816236BB-250IV Datasheet
1Mb / 31P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
More results


Similar Description - GS816236BB-250I

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS816218BB-V GSI-GS816218BB-V Datasheet
1Mb / 31P
   1M x 18, 512K x 36 18MbS/DCD Sync Burst SRAMs
GS816218 GSI-GS816218 Datasheet
618Kb / 31P
   1M x 18, 512K x 36 18Mb S/DCD Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
logo
List of Unclassifed Man...
GS832218 ETC1-GS832218 Datasheet
1Mb / 41P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
logo
GSI Technology
GS832418B GSI-GS832418B Datasheet
1Mb / 46P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8322V18B GSI-GS8322V18B Datasheet
1Mb / 42P
   2M x 18, 1M x 36, 512K x 72 36Mb S/DCD Sync Burst SRAMs
GS8160V18AT GSI-GS8160V18AT Datasheet
489Kb / 24P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
GS816018DGT-250I GSI-GS816018DGT-250I Datasheet
255Kb / 25P
   1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
More results




About GSI Technology


GSI Technology is a semiconductor company that designs, develops, and markets high-performance memory products for networking, telecommunications, and military applications. The company was founded in 1995 and is headquartered in Sunnyvale, California.

GSI Technology's products include static random-access memory (SRAM) devices, which are used for high-speed memory access in networking and telecommunications equipment, as well as in military and aerospace systems. The company's SRAMs feature low latency and high bandwidth, which makes them suitable for applications that require fast and reliable memory access.

In addition to its memory products, GSI Technology also offers customized solutions for customers with specific requirements. The company's design and development capabilities allow it to create products tailored to customer needs, including specialized memory architectures and custom packaging options.

GSI Technology has a global customer base, with products sold in North America, Asia, and Europe. The company's customers include original equipment manufacturers (OEMs) and other companies in the networking, telecommunications, military, and aerospace industries.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com