Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUN2235 Datasheet (PDF) - Hi-Sincerity Mocroelectronics

HUN2235 Datasheet PDF - Hi-Sincerity Mocroelectronics
Part # HUN2235
Download  HUN2235 Download

File Size   50.97 Kbytes
Page   6 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network

HUN2235 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUN2235 Datasheet PDF - Hi-Sincerity Mocroelectronics

Part # HUN2235
Download  HUN2235 Click to download

File Size   50.97 Kbytes
Page   6 Pages
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics
Description NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network

HUN2235 Datasheet (HTML) - Hi-Sincerity Mocroelectronics

HUN2235 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HUN2235 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HUN2235 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HUN2235 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HUN2235 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HUN2235 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics

HUN2235 Product details

Description
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface Mount applications.

• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• Moisture Sensitivity Level: 1
• ESD Rating: Human Body Model: Class1, Machine Model: Class B
• The SOT-23 package can be soldered using wave or reflow. (The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die.)
• Available in 8mm embossed tape and reel. Use the device number to order the 7 inch / 3,000 unit reel




Similar Part No. - HUN2235

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2112 HSMC-HUN2112 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2113 HSMC-HUN2113 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2114 HSMC-HUN2114 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
HUN2115 HSMC-HUN2115 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Similar Description - HUN2235

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results




About Hi-Sincerity Mocroelectronics


Hi-Sincerity Microelectronics is a semiconductor company based in Taiwan that designs and manufactures a wide range of analog and mixed-signal integrated circuits (ICs) for various applications. The company was founded in 1998 and has since become a leading provider of analog ICs in Asia.

Hi-Sincerity's product portfolio includes power management ICs, audio amplifiers, LED drivers, motor controllers, and other analog and mixed-signal ICs. The company's products are used in a variety of end markets, including consumer electronics, automotive, industrial, and communication systems.

One of Hi-Sincerity's strengths is its ability to develop customized solutions for customers with specific requirements. The company has a team of experienced engineers who work closely with customers to understand their needs and develop tailored solutions that meet their specifications.

In addition to its design and development capabilities, Hi-Sincerity also has strong manufacturing capabilities. The company operates a modern semiconductor fabrication facility in Taiwan that is capable of producing a wide range of analog and mixed-signal ICs using advanced process technologies.

Hi-Sincerity is committed to quality and reliability, and its products are widely recognized for their performance and reliability. The company has received numerous awards and certifications for its quality management systems and environmental management systems, including ISO 9001, ISO 14001, and IATF 16949.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com