Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

152220-0110GB Datasheet (PDF) - 3M Electronics

152220-0110GB Datasheet PDF - 3M Electronics
Part # 152220-0110GB
Download  152220-0110GB Download

File Size   70.85 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 2mm X 2mm Wiremount Socket

152220-0110GB Datasheet (PDF)

Go To PDF Page Download Datasheet
152220-0110GB Datasheet PDF - 3M Electronics

Part # 152220-0110GB
Download  152220-0110GB Click to download

File Size   70.85 Kbytes
Page   3 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description 2mm X 2mm Wiremount Socket

152220-0110GB Datasheet (HTML) - 3M Electronics

152220-0110GB Datasheet HTML 1Page - 3M Electronics 152220-0110GB Datasheet HTML 2Page - 3M Electronics 152220-0110GB Datasheet HTML 3Page - 3M Electronics



Similar Part No. - 152220-0110GB

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152220-0110GB 3M-152220-0110GB Datasheet
1Mb / 4P
   Pak 20 Wiremount Socket - 2 mm 횞 2 mm for 1 mm Pitch Cable
More results


Similar Description - 152220-0110GB

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LS2-105-01-F-D-RA2 SAMTEC-LS2-105-01-F-D-RA2 Datasheet
291Kb / 4P
   2mm TERMINAL/SOCKET COMBO
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
   .100 x .100 Wiremount Socket
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
   2mm X 6mm Cylindrical
logo
LUMEX INC.
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR
SSL-LX2573PGD LUMEX-SSL-LX2573PGD Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
logo
3M Electronics
3490-5 3M-3490-5 Datasheet
20Kb / 1P
   100 X 100, Wiremount Socket
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com