Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA71 Datasheet (PDF) - Tyco Electronics

SMA71 Datasheet PDF - Tyco Electronics
Part # SMA71
Download  SMA71 Download

File Size   352.83 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 200 MHz

SMA71 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA71 Datasheet PDF - Tyco Electronics

Part # SMA71
Download  SMA71 Click to download

File Size   352.83 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 200 MHz

SMA71 Datasheet (HTML) - Tyco Electronics

SMA71 Datasheet HTML 1Page - Tyco Electronics SMA71 Datasheet HTML 2Page - Tyco Electronics

SMA71 Product details

Description

The A71 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• AVAILABLE IN SURFACE MOUNT

• LOW NOISE: 2.1 dB (TYP.)

• HIGH GAIN 18 dB (TYP.)

• LOW VSWR <1.4:1 (TYP.)



 




Similar Part No. - SMA71

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SMA7.0 MIC-SMA7.0 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMA7.0 SUNMATE-SMA7.0 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
MIC GROUP RECTIFIERS
SMA7.0A MIC-SMA7.0A Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SMA7.0A SUNMATE-SMA7.0A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMA7.0C SUNMATE-SMA7.0C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Similar Description - SMA71

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A71 MA-COM-A71 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 200 MHz
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
   5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
   5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC0250 TELEDYNE-UTOUTC0250 Datasheet
167Kb / 6P
   Thin-Film Cascadable Amplifier 5 to 200 MHz
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
   10 TO 200 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 200 to 2600 MHz
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
   200 TO 2600 MHz CASCADABLE AMPLIFIER
PA38 MACOM-PA38 Datasheet
369Kb / 2P
   Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
   Cascadable Amplifier 200 to 2000 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
   Cascadable Amplifier 200 to 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com