Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC16244DGG Datasheet (PDF) - NXP Semiconductors

AC16244DGG Datasheet PDF - NXP Semiconductors
Part # AC16244DGG
Download  AC16244DGG Download

File Size   84.99 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit buffer/line driver 3-State

AC16244DGG Datasheet (PDF)

Go To PDF Page Download Datasheet
AC16244DGG Datasheet PDF - NXP Semiconductors

Part # AC16244DGG
Download  AC16244DGG Click to download

File Size   84.99 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2.5V/3.3V 16-bit buffer/line driver 3-State

AC16244DGG Datasheet (HTML) - NXP Semiconductors

AC16244DGG Datasheet HTML 1Page - NXP Semiconductors AC16244DGG Datasheet HTML 2Page - NXP Semiconductors AC16244DGG Datasheet HTML 3Page - NXP Semiconductors AC16244DGG Datasheet HTML 4Page - NXP Semiconductors AC16244DGG Datasheet HTML 5Page - NXP Semiconductors AC16244DGG Datasheet HTML 6Page - NXP Semiconductors AC16244DGG Datasheet HTML 7Page - NXP Semiconductors AC16244DGG Datasheet HTML 8Page - NXP Semiconductors AC16244DGG Datasheet HTML 9Page - NXP Semiconductors AC16244DGG Datasheet HTML 10Page - NXP Semiconductors

AC16244DGG Product details

DESCRIPTION
The 74ALVC16244(74ALVCH16244) is a 16-bit non-inverting buffer/line driver with 3-State outputs. The device can be used as four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The 3-State outputs are controlled by the output enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to assume a high impedance OFF-state.
The 74ALVCH16244 has active bus hold circuitry which is provided to hold unused or floating data inputs at a valid logic level. This feature eliminates the need for external pull-up or pull-down resistors.
The 74ALVC16244 has 5V tolerant inputs.

FEATURES
• Wide supply voltage range of 1.2V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Direct interface with TTL levels
• Bus hold on data inputs (74ALVCH16244 only)
• Output drive capability 50Ω transmission lines @ 85°C
• Current drive ±24 mA at 3.0 V




Similar Part No. - AC16244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC16245 PHILIPS-AC16245 Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
AC16245DGG PHILIPS-AC16245DGG Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
AC16245DL PHILIPS-AC16245DL Datasheet
91Kb / 10P
   2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
1998 Jun 29
More results


Similar Description - AC16244DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
74ALVCH16540 PHILIPS-74ALVCH16540 Datasheet
97Kb / 12P
   2.5V/3.3V 16-bit buffer/line driver, inverting, 5V input tolerant 3-State
1997 Aug 11
logo
Pericom Semiconductor C...
PI74LVTCH16244 PERICOM-PI74LVTCH16244 Datasheet
315Kb / 7P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
PI74LVTC16244 PERICOM-PI74LVTC16244 Datasheet
165Kb / 8P
   3.3V 16-Bit Buffer/Line Driver with 3-State Outputs
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
   16-bit buffer/line driver 3-State
1997 Jul 29
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com