Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-XC886CM-6FFI Datasheet (PDF) - Infineon Technologies AG

SAF-XC886CM-6FFI Datasheet PDF - Infineon Technologies AG
Part # SAF-XC886CM-6FFI
Download  SAF-XC886CM-6FFI Download

File Size   1661.38 Kbytes
Page   119 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

SAF-XC886CM-6FFI Datasheet (PDF)

Go To PDF Page Download Datasheet
SAF-XC886CM-6FFI Datasheet PDF - Infineon Technologies AG

Part # SAF-XC886CM-6FFI
Download  SAF-XC886CM-6FFI Click to download

File Size   1661.38 Kbytes
Page   119 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 8-Bit Single-Chip Microcontroller

SAF-XC886CM-6FFI Datasheet (HTML) - Infineon Technologies AG

Back Button SAF-XC886CM-6FFI Datasheet HTML 1Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 2Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 3Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 4Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 5Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 6Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 7Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 8Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 9Page - Infineon Technologies AG SAF-XC886CM-6FFI Datasheet HTML 10Page - Infineon Technologies AG Next Button 

SAF-XC886CM-6FFI Product details

Features

• High-performance XC800 Core

– compatible with standard 8051 processor

– two clocks per machine cycle architecture (for memory access without wait state)

– two data pointers

• On-chip memory

– 12 Kbytes of Boot ROM

– 256 bytes of RAM

– 1.5 Kbytes of XRAM

– 24/32 Kbytes of Flash; or

24/32 Kbytes of ROM, with additional 4 Kbytes of Flash

(includes memory protection strategy)

• I/O port supply at 3.3 V or 5.0 V and core logic supply at 2.5 V (generated by embedded voltage regulator)

• Power-on reset generation

• Brownout detection for core logic supply

• On-chip OSC and PLL for clock generation

– PLL loss-of-lock detection

• Power saving modes

– slow-down mode

– idle mode

– power-down mode with wake-up capability via RXD or EXINT0

– clock gating control to each peripheral

• Programmable 16-bit Watchdog Timer (WDT)

• Six ports

– 34/48 pins as digital I/O

– 8 pins as digital/analog input

• 8-channel, 10-bit ADC

• Four 16-bit timers

– Timer 0 and Timer 1 (T0 and T1)

– Timer 2 and Timer 21

• Multiplication/Division Unit for arithmetic operations (MDU)

• CORDIC Coprocessor for computation of trigonometric, hyperbolic and linear functions

• MultiCAN with 2 nodes, 32 message objects (MCAN)

• Capture/compare unit for PWM signal generation (CCU6)

• Two full-duplex serial interfaces (UART and UART1)

• Synchronous serial channel (SSC)

• On-chip debug support

– 1 Kbyte of monitor ROM (part of the 12-Kbyte Boot ROM)

– 64 bytes of monitor RAM

• Packages:

– PG-TQFP-48

– PG-TQFP-64

• Temperature range TA:

– SAF (-40 to 85 °C)

– SAK (-40 to 125 °C)




Similar Part No. - SAF-XC886CM-6FFI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-XC886-6FFA3V3 INFINEON-SAF-XC886-6FFA3V3 Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
SAF-XC886-6FFA5V INFINEON-SAF-XC886-6FFA5V Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
SAF-XC886-6FFI3V3 INFINEON-SAF-XC886-6FFI3V3 Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
SAF-XC886-6FFI5V INFINEON-SAF-XC886-6FFI5V Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
SAF-XC886-8FFA3V3 INFINEON-SAF-XC886-8FFA3V3 Datasheet
1Mb / 144P
   8-Bit Single Chip Microcontroller
V1.2 2009-07
More results


Similar Description - SAF-XC886CM-6FFI

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com