Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-BG01-P0RYY Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-BG01-P0RYY Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-BG01-P0RYY
Download  HLMP-BG01-P0RYY Download

File Size   103.19 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Oval Precision Optical Performance AlInGaP and InGaN Lamps

HLMP-BG01-P0RYY Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-BG01-P0RYY Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-BG01-P0RYY
Download  HLMP-BG01-P0RYY Click to download

File Size   103.19 Kbytes
Page   10 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Oval Precision Optical Performance AlInGaP and InGaN Lamps

HLMP-BG01-P0RYY Datasheet (HTML) - Agilent(Hewlett-Packard)

HLMP-BG01-P0RYY Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 9Page - Agilent(Hewlett-Packard) HLMP-BG01-P0RYY Datasheet HTML 10Page - Agilent(Hewlett-Packard)

HLMP-BG01-P0RYY Product details

Description
These Precision Optical Performance Oval LEDs are specifically designed for full color/video and passenger information signs. The oval shaped radiation pattern (35°x70°) and high luminous
intensity ensure that these devices are excellent for wide field of view outdoor application where a wide viewing angle and readability in sunlight are essential. These lamps have very smooth, matched radiation patterns ensuring consistent color mixing in full color applications, message uniformity across the viewing angle of the sign.

Features
• Well defined spatial radiation pattern
• Viewing angles:
   Major axis 70°
   Minor axis 35°
• High luminous output
• Red and Amber Intensity are available for:
   AlInGaP (Bright)
   AlInGaP II (Brightest)
• Colors:
   472 nm blue
   526 nm green
   626 nm red
   630 nm red
   590 nm amber
   592 nm amber
• Superior resistance to moisture
• UV resistant epoxy

Benefits
• Viewing angle designed for wide field of view application
• Red, green, and blue radiation patterns matched for full color sign
• Superior performance in outdoor environments

Applications
• Full color/video signs




Similar Part No. - HLMP-BG01-P0RYY

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BGXX AVAGO-HLMP-BGXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Similar Description - HLMP-BG01-P0RYY

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-RG10 AVAGO-HLMP-RG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
HLMP-SL11 HP-HLMP-SL11 Datasheet
362Kb / 7P
   Optical Performance Best Value AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com