Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE82A Datasheet (PDF) - Weitron Technology

1.5KE82A Datasheet PDF - Weitron Technology
Part # 1.5KE82A
Download  1.5KE82A Download

File Size   239.96 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description 1500W Surface Mount Transient Voltage Suppressor

1.5KE82A Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE82A Datasheet PDF - Weitron Technology

Part # 1.5KE82A
Download  1.5KE82A Click to download

File Size   239.96 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description 1500W Surface Mount Transient Voltage Suppressor

1.5KE82A Datasheet (HTML) - Weitron Technology

1.5KE82A Datasheet HTML 1Page - Weitron Technology 1.5KE82A Datasheet HTML 2Page - Weitron Technology 1.5KE82A Datasheet HTML 3Page - Weitron Technology 1.5KE82A Datasheet HTML 4Page - Weitron Technology

1.5KE82A Product details

VOLTAGE 6.8 to 550 Volts Peak Pulse Power 1500 Watt



Features:

* Plastic package

* Glass passivated chip junction in DO-201 package

* 1500W surge capability at 10/1000 µs wave form

* Excellent clamping capability

* Low zener impedance

* Fast response time: typically lessl than 1.0ps from 0 Volts to BV min.

* Typical IR less than 1µA above 10V

* High temperature soldering guaranteed: 265°C/10 seconds/.375,(9.5mm) lead length, 5lbs., (2.3kg) tension



 




Similar Part No. - 1.5KE82A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE82A TRSYS-1.5KE82A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
1.5KE82A SOCAY-1.5KE82A Datasheet
513Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
logo
Galaxy Semi-Conductor H...
1.5KE82A BILIN-1.5KE82A Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
1.5KE82A HUAXINAN-1.5KE82A Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
logo
Diodes Incorporated
1.5KE82A DIODES-1.5KE82A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results


Similar Description - 1.5KE82A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com