Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B230 Datasheet (PDF) - Weitron Technology

B230 Datasheet PDF - Weitron Technology
Part # B230
Download  B230 Download

File Size   168.31 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Schottky Barrier Rectifiers

B230 Datasheet (PDF)

Go To PDF Page Download Datasheet
B230 Datasheet PDF - Weitron Technology

Part # B230
Download  B230 Click to download

File Size   168.31 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Schottky Barrier Rectifiers

B230 Datasheet (HTML) - Weitron Technology

B230 Datasheet HTML 1Page - Weitron Technology B230 Datasheet HTML 2Page - Weitron Technology B230 Datasheet HTML 3Page - Weitron Technology

B230 Product details

Feature:
* For Surface Mount Application
* Metal-Semiconductor JunctionWith Guardring
* Epitaxial Construction
* Very Low ForwardVoltage Drop
* High Current Capability
* Plastic Meterial Has UL Flammability Classification 94V-0
* For Use In Low , And Polarity Protection Applications




Similar Part No. - B230

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B230 DIODES-B230 Datasheet
45Kb / 2P
   2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B230 FUJI-B230 Datasheet
668Kb / 1P
   2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Monolithic Power System...
B230 MPS-B230 Datasheet
253Kb / 10P
   2A, 380 KHz Step-Down Converter
B230 MPS-B230 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
logo
Galaxy Semi-Conductor H...
B230 BILIN-B230 Datasheet
88Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Similar Description - B230

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com