Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBN6301S Datasheet (PDF) - Tachyonics CO,. LTD

TBN6301S Datasheet PDF - Tachyonics CO,. LTD
Part # TBN6301S
Download  TBN6301S Download

File Size   224.14 Kbytes
Page   6 Pages
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD
Description NPN SILICON RF TRANSISTOR

TBN6301S Datasheet (PDF)

Go To PDF Page Download Datasheet
TBN6301S Datasheet PDF - Tachyonics CO,. LTD

Part # TBN6301S
Download  TBN6301S Click to download

File Size   224.14 Kbytes
Page   6 Pages
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD
Description NPN SILICON RF TRANSISTOR

TBN6301S Datasheet (HTML) - Tachyonics CO,. LTD

TBN6301S Datasheet HTML 1Page - Tachyonics CO,. LTD TBN6301S Datasheet HTML 2Page - Tachyonics CO,. LTD TBN6301S Datasheet HTML 3Page - Tachyonics CO,. LTD TBN6301S Datasheet HTML 4Page - Tachyonics CO,. LTD TBN6301S Datasheet HTML 5Page - Tachyonics CO,. LTD TBN6301S Datasheet HTML 6Page - Tachyonics CO,. LTD

TBN6301S Product details

□ Features
- High gain bandwidth product
   fT = 6 GHz @ VCE = 3 V, IC = 10 mA
   fT = 7.5 GHz @ VCE = 5 V, IC = 20 mA
- High power gain
   |S21|2 = 9 dB @ VCE = 3 V, IC = 10 mA, f = 1 GHz
- Low noise figure
   NF = 1.4 dB @ VCE = 3 V, IC = 10 mA, f = 1 GHz

□ Applications
- UHF and VHF wide band amplifier




Similar Part No. - TBN6301S

ManufacturerPart #DatasheetDescription
logo
AUK corp
TBN6301S AUK-TBN6301S Datasheet
213Kb / 5P
   Si NPN Transistor
More results


Similar Description - TBN6301S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com