Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251B12F252B3TB Datasheet (PDF) - CTS Corporation

251B12F252B3TB Datasheet PDF - CTS Corporation
Part # 251B12F252B3TB
Download  251B12F252B3TB Download

File Size   68.18 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Long life, 9mm diameter, composition element, variable resistor

251B12F252B3TB Datasheet (PDF)

Go To PDF Page Download Datasheet
251B12F252B3TB Datasheet PDF - CTS Corporation

Part # 251B12F252B3TB
Download  251B12F252B3TB Click to download

File Size   68.18 Kbytes
Page   2 Pages
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation
Description Long life, 9mm diameter, composition element, variable resistor

251B12F252B3TB Datasheet (HTML) - CTS Corporation

251B12F252B3TB Datasheet HTML 1Page - CTS Corporation 251B12F252B3TB Datasheet HTML 2Page - CTS Corporation



Similar Part No. - 251B12F252B3TB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B12F253A1N1 CTS-251B12F253A1N1 Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B12F253A1NB CTS-251B12F253A1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B12F253A1T1 CTS-251B12F253A1T1 Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B12F253A1TB CTS-251B12F253A1TB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
251B12F253A3N1 CTS-251B12F253A3N1 Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
More results


Similar Description - 251B12F252B3TB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
TOCOSAMERICA, INC.
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com