Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F842N Datasheet (PDF) - NXP Semiconductors

N74F842N Datasheet PDF - NXP Semiconductors
Part # N74F842N
Download  N74F842N Download

File Size   206.8 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bus interface latches

N74F842N Datasheet (PDF)

Go To PDF Page Download Datasheet
N74F842N Datasheet PDF - NXP Semiconductors

Part # N74F842N
Download  N74F842N Click to download

File Size   206.8 Kbytes
Page   18 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Bus interface latches

N74F842N Datasheet (HTML) - NXP Semiconductors

Back Button N74F842N Datasheet HTML 1Page - NXP Semiconductors N74F842N Datasheet HTML 2Page - NXP Semiconductors N74F842N Datasheet HTML 3Page - NXP Semiconductors N74F842N Datasheet HTML 4Page - NXP Semiconductors N74F842N Datasheet HTML 5Page - NXP Semiconductors N74F842N Datasheet HTML 6Page - NXP Semiconductors N74F842N Datasheet HTML 7Page - NXP Semiconductors N74F842N Datasheet HTML 8Page - NXP Semiconductors N74F842N Datasheet HTML 9Page - NXP Semiconductors N74F842N Datasheet HTML 10Page - NXP Semiconductors Next Button 

N74F842N Product details

74F841/74F842 10-bit bus interface latches, non-inverting/inverting (3-State)
74F843 9-bit bus interface latch, non-inverting (3-State)
74F845/74F846 8-bit bus interface latches, non-inverting/inverting (3-State)

DESCRIPTION
The 74F841–74F846 bus interface latch series are designed to provide extra data width for wider address/data paths of buses carrying parity.
The 74F841–74F846 series are funcitonally an pin compatible to the AMD AM29841–AM29846 series.

FEATURES
• High speed parallel latches
• Extra data width for wide address/data paths or buses carrying parity
• High impedance NPN base input structure minimizes bus loading
• IIL is 20µA vs 1000A for AM29841 series
• Buffered control inputs to reduce AC effects
• Ideal where high speed, light loading, or increased fan-in are
   required as with MOS microprocessors
• Positive and negative over-shoots are clamped to ground
• 3-State outputs glitch free during power-up and power-down
• 48mA sink current
• Slim dual in-line 300 mil package
• Broadside pinout
• Pin-for-pin and function compatible with AMD AM29841-846 series




Similar Part No. - N74F842N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F842N PHILIPS-N74F842N Datasheet
103Kb / 12P
   Bus interface latches
2004 Jan 23
More results


Similar Description - N74F842N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F842 PHILIPS-74F842 Datasheet
103Kb / 12P
   Bus interface latches
2004 Jan 23
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
Texas Instruments
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com