Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF2M16W-150C5 Datasheet (PDF) - White Electronic Designs Corporation

WF2M16W-150C5 Datasheet PDF - White Electronic Designs Corporation
Part # WF2M16W-150C5
Download  WF2M16W-150C5 Download

File Size   275.81 Kbytes
Page   12 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 2Mx16 Flash MODULE, SMD 5962-97610

WF2M16W-150C5 Datasheet (PDF)

Go To PDF Page Download Datasheet
WF2M16W-150C5 Datasheet PDF - White Electronic Designs Corporation

Part # WF2M16W-150C5
Download  WF2M16W-150C5 Click to download

File Size   275.81 Kbytes
Page   12 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 2Mx16 Flash MODULE, SMD 5962-97610

WF2M16W-150C5 Datasheet (HTML) - White Electronic Designs Corporation

Back Button WF2M16W-150C5 Datasheet HTML 1Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 2Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 3Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 4Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 5Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 6Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 7Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 8Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 9Page - White Electronic Designs Corporation WF2M16W-150C5 Datasheet HTML 10Page - White Electronic Designs Corporation Next Button 

WF2M16W-150C5 Product details

FEATURES
■ Access Times of 90, 120, 150ns
■ Packaging:
   • 56 lead, Hermetic Ceramic, 0.520" CSOP (Package 207). Fits standard 56 SSOP footprint.
   • 44 pin Ceramic SOJ (Package 102)**
   • 44 lead Ceramic Flatpack (Package 208)**
■ Sector Architecture
   • 32 equal size sectors of 64KBytes each
   • Any combination of sectors can be erased. Also supports full chip erase.
■ Minimum 100,000 Write/Erase Cycles Minimum
■ Organized as 2Mx16; User Configurable as 2 x 2Mx8
■ Commercial, Industrial, and Military Temperature Ranges
■ 5 Volt Read and Write. 5V ± 10% Supply.
■ Low Power CMOS
■ Data Polling and Toggle Bit feature for detection of program or erase cycle completion.
■ Supports reading or programming data to a sector not being erased.
■ Built-in Decoupling Caps and Multiple Ground Pins for Low Noise Operation.
■ RESET pin resets internal state machine to the read mode.
■ Ready/Busy (RY/BY) output for detection of program or erase cycle completion.
■ Multiple Ground Pins for Low Noise Operation




Similar Part No. - WF2M16W-150C5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-090G2UC5 WEDC-WF2M32-090G2UC5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UC5A WEDC-WF2M32-090G2UC5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5 WEDC-WF2M32-090G2UI5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5A WEDC-WF2M32-090G2UI5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UM5 WEDC-WF2M32-090G2UM5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results


Similar Description - WF2M16W-150C5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com