Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSF128K16-72HCA Datasheet (PDF) - White Electronic Designs Corporation

WSF128K16-72HCA Datasheet PDF - White Electronic Designs Corporation
Part # WSF128K16-72HCA
Download  WSF128K16-72HCA Download

File Size   620.75 Kbytes
Page   16 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 128Kx16 SRAM/FLASH MODULE, SMD 5962-96900

WSF128K16-72HCA Datasheet (PDF)

Go To PDF Page Download Datasheet
WSF128K16-72HCA Datasheet PDF - White Electronic Designs Corporation

Part # WSF128K16-72HCA
Download  WSF128K16-72HCA Click to download

File Size   620.75 Kbytes
Page   16 Pages
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation
Description 128Kx16 SRAM/FLASH MODULE, SMD 5962-96900

WSF128K16-72HCA Datasheet (HTML) - White Electronic Designs Corporation

Back Button WSF128K16-72HCA Datasheet HTML 1Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 2Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 3Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 4Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 5Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 6Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 7Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 8Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 9Page - White Electronic Designs Corporation WSF128K16-72HCA Datasheet HTML 10Page - White Electronic Designs Corporation Next Button 

WSF128K16-72HCA Product details

s (FLASH)
(FLASH

FEATURES
■ Access Times of 35ns (SRAM) and 70ns (FLASH)
■ Access Times of 70ns (SRAM) and 120ns (FLASH)
■ Packaging
    • 66-pin, PGA Type, 1.075 inch square HIP, Hermetic Ceramic HIP (Package 400)
    • 66-pin, PGA Type, 1.185 inch square HIP, Hermetic Ceramic HIP (Package 401)
    • 68 lead, Hermetic CQFP (G1U), 22.4mm (0.880 inch) square (Package 519). Designed to fit JEDEC 68 lead 0.990” CQFJ footprint (Fig. 2)
■ 128Kx16 SRAM
■ 128Kx16 5V FLASH
■ Organized as 128Kx16 of SRAM and 128Kx16 of Flash Memory with separate Data Buses
■ Both blocks of memory are User Configurable as 256Kx8
■ Low Power CMOS
■ Commercial, Industrial and Military Temperature Ranges
■ TTL Compatible Inputs and Outputs
■ Built-in Decoupling Caps and Multiple Ground Pins for Low Noise Operation
■ Weight
    • WSF128K16-XHX - 13 grams typical
    • WSF128K16-H1X - 13 grams typical
    • WSF128K16-XG1UX - 5 grams typical

FLASH MEMORY FEATURES
■ 10,000 Erase/Program Cycles
■ Sector Architecture
    • 8 equal size sectors of 16K bytes each
    • Any combination of sectors can be concurrently erased.
      Also supports full chip erase
■ 5 Volt Programming; 5V ± 10% Supply
■ Embedded Erase and Program Algorithms
■ Hardware Write Protection
■ Page Program Operation and Internal Program Control Time.




Similar Part No. - WSF128K16-72HCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16-72HCA ETC-WSF128K16-72HCA Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
More results


Similar Description - WSF128K16-72HCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WSE128K16-XXX WEDC-WSE128K16-XXX Datasheet
569Kb / 15P
   128Kx16 SRAM/EEPROM MODULE
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com