Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3060-ZJ Datasheet (PDF) - NEC

2SK3060-ZJ Datasheet PDF - NEC
Part # 2SK3060-ZJ
Download  2SK3060-ZJ Download

File Size   99.57 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR

2SK3060-ZJ Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3060-ZJ Datasheet PDF - NEC

Part # 2SK3060-ZJ
Download  2SK3060-ZJ Click to download

File Size   99.57 Kbytes
Page   8 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description MOS FIELD EFFECT TRANSISTOR

2SK3060-ZJ Datasheet (HTML) - NEC

2SK3060-ZJ Datasheet HTML 1Page - NEC 2SK3060-ZJ Datasheet HTML 2Page - NEC 2SK3060-ZJ Datasheet HTML 3Page - NEC 2SK3060-ZJ Datasheet HTML 4Page - NEC 2SK3060-ZJ Datasheet HTML 5Page - NEC 2SK3060-ZJ Datasheet HTML 6Page - NEC 2SK3060-ZJ Datasheet HTML 7Page - NEC 2SK3060-ZJ Datasheet HTML 8Page - NEC

2SK3060-ZJ Product details

DESCRIPTION
The 2SK3060 is N-Channel MOS Field Effect Transistor designed for high current switching applications.

FEATURES
• Low on-state resistance
   RDS(on)1 = 13 mΩ MAX. (VGS = 10 V, ID = 35 A)
   RDS(on)2 = 20 mΩ MAX. (VGS = 4.0 V, ID = 35 A)
• Low Ciss: Ciss = 2400 pF TYP.
• Built-in gate protection diode




Similar Part No. - 2SK3060-ZJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK3060-ZJ ISC-2SK3060-ZJ Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3060-ZJ RENESAS-2SK3060-ZJ Datasheet
249Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results


Similar Description - 2SK3060-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com