Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11G3 Datasheet (PDF) - List of Unclassifed Manufacturers

H11G3 Datasheet PDF - List of Unclassifed Manufacturers
Part # H11G3
Download  H11G3 Download

File Size   139.36 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS

H11G3 Datasheet (PDF)

Go To PDF Page Download Datasheet
H11G3 Datasheet PDF - List of Unclassifed Manufacturers

Part # H11G3
Download  H11G3 Click to download

File Size   139.36 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS

H11G3 Datasheet (HTML) - List of Unclassifed Manufacturers

H11G3 Datasheet HTML 1Page - List of Unclassifed Manufacturers H11G3 Datasheet HTML 2Page - List of Unclassifed Manufacturers H11G3 Datasheet HTML 3Page - List of Unclassifed Manufacturers H11G3 Datasheet HTML 4Page - List of Unclassifed Manufacturers

H11G3 Product details

[GENERAL INSTRUMENT]

DESCRIPTION
The MCA11G1 and MCA11G2 are the photodarlington-type optically coupled optocouplers. Both devices have a gallium arsenide infrared emitting diode coupled with a silicon darlington connected phototransistor which has an integral base-emitter resistor to optimize elevated temperature characteristics.

FEATURES
■ High BVCEO
   Minimum 100 V for MCA11G1
   Minimum 80 V for MCA11G2
■ Pin for pin replacement for H11G1, H11G2, H11G3
■ High sensitivity to low input current - Minimum
   500 percent CTR at IF = 1 mA
■ High isolation voltage
   2500 VAC RMS - Steady State Rating
■ Low leakage current at elevated temperature
    (maximum 100 µA at 80°C)
■ Underwriters Laboratory (UL) recognized
   File #50151

APPLICATIONS
■  CMOS logic interface
■  Telephone ring detector
■  Low input TTL interface
■  Power supply isolation
■  Replace pulse transformer




Similar Part No. - H11G3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
H11G3 MOTOROLA-H11G3 Datasheet
300Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
logo
Fairchild Semiconductor
H11G3 FAIRCHILD-H11G3 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
logo
ISOCOM COMPONENTS
H11G3 ISOCOM-H11G3 Datasheet
56Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
H11G3 ISOCOM-H11G3 Datasheet
76Kb / 3P
   HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED
logo
Fairchild Semiconductor
H11G3300 FAIRCHILD-H11G3300 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
More results


Similar Description - H11G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11G1M FAIRCHILD-H11G1M Datasheet
139Kb / 8P
   High Voltage Photodarlington Optocouplers
H11G1 FAIRCHILD-H11G1 Datasheet
402Kb / 7P
   HIGH VOLTAGE PHOTODARLINGTON OPTOCOUPLERS
H11G2SM FAIRCHILD-H11G2SM Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11G2SR2M FAIRCHILD-H11G2SR2M Datasheet
248Kb / 9P
   High Voltage Photodarlington Optocouplers
H11B1S FAIRCHILD-H11B1S Datasheet
164Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
CNX48U FAIRCHILD-CNX48U Datasheet
158Kb / 8P
   PHOTODARLINGTON OPTOCOUPLERS
logo
QT Optoelectronics
CNX48U QT-CNX48U Datasheet
140Kb / 7P
   PHOTODARLINGTON OPTOCOUPLERS
logo
ON Semiconductor
H11G1M ONSEMI-H11G1M Datasheet
397Kb / 10P
   6-Pin DIP High Voltage Photodarlington Optocouplers
July, 2020 ??Rev. 2
logo
QT Optoelectronics
MOC8030 QT-MOC8030 Datasheet
53Kb / 4P
   PHOTODARLINGTON OPTOCOUPLERS Preliminary
H11B815 QT-H11B815 Datasheet
53Kb / 4P
   4-PIN PHOTODARLINGTON OPTOCOUPLERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com