Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ762-1A-5D Datasheet (PDF) - ZETTLER Electronics

AZ762-1A-5D Datasheet PDF - ZETTLER Electronics
Part # AZ762-1A-5D
Download  AZ762-1A-5D Download

File Size   54.44 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 16 A SPDT MINIATURE POWER RELAY

AZ762-1A-5D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ762-1A-5D Datasheet PDF - ZETTLER Electronics

Part # AZ762-1A-5D
Download  AZ762-1A-5D Click to download

File Size   54.44 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 16 A SPDT MINIATURE POWER RELAY

AZ762-1A-5D Datasheet (HTML) - ZETTLER Electronics

AZ762-1A-5D Datasheet HTML 1Page - ZETTLER Electronics AZ762-1A-5D Datasheet HTML 2Page - ZETTLER Electronics

AZ762-1A-5D Product details

FEATURES

• Dielectric strength 5000 Vrms

• Low cost

• Epoxy sealed version available

• 16 Amp switching

• Isolation spacing greater than 10 mm

• Reinforced insulation, EN 60730-1 (VDE 0631, part 1), EN 60335-1 (VDE 0700, part 1)

• UL, CUR file E44211

• VDE 40006031




Similar Part No. - AZ762-1A-5D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ762-1A-5D ZETTLER-AZ762-1A-5D Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
More results


Similar Description - AZ762-1A-5D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ762-1AE AZETTLER-AZ762-1AE Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 AZETTLER-AZ764 Datasheet
90Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ764 ZETTLER-AZ764 Datasheet
131Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ764S ZETTLER-AZ764S_12 Datasheet
82Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
AZ764S ZETTLER-AZ764S Datasheet
80Kb / 4P
   16 A SPDT MINIATURE POWER RELAY SMT
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com