Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ733W-2A-18DE Datasheet (PDF) - ZETTLER Electronics

AZ733W-2A-18DE Datasheet PDF - ZETTLER Electronics
Part # AZ733W-2A-18DE
Download  AZ733W-2A-18DE Download

File Size   50.41 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description DPST MINIATURE POWER RELAY

AZ733W-2A-18DE Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ733W-2A-18DE Datasheet PDF - ZETTLER Electronics

Part # AZ733W-2A-18DE
Download  AZ733W-2A-18DE Click to download

File Size   50.41 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description DPST MINIATURE POWER RELAY

AZ733W-2A-18DE Datasheet (HTML) - ZETTLER Electronics

AZ733W-2A-18DE Datasheet HTML 1Page - ZETTLER Electronics AZ733W-2A-18DE Datasheet HTML 2Page - ZETTLER Electronics

AZ733W-2A-18DE Product details

FEATURES
• Dielectric strength 5000 Vrms
• 1.5 mm contact gap
• Epoxy sealed version available
• 10 Amp switching — double pole contacts
• Isolation spacing greater than 8 mm
• UL, CUR file E44211
• TÜV file R9659062




Similar Part No. - AZ733W-2A-18DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ733W-2A-18DE AZETTLER-AZ733W-2A-18DE Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
More results


Similar Description - AZ733W-2A-18DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ733W AZETTLER-AZ733W Datasheet
133Kb / 2P
   DPST MINIATURE POWER RELAY
AZ734 AZETTLER-AZ734 Datasheet
79Kb / 2P
   DPST MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733W ZETTLER-AZ733W_10 Datasheet
60Kb / 3P
   DPST MINIATURE POWER RELAY
logo
Standex Electronics, In...
8812285100 STANDEX-8812285100 Datasheet
99Kb / 2P
   RELAY REED DPST 1A 12V
Version: 03
8812285200 STANDEX-8812285200 Datasheet
99Kb / 2P
   RELAY REED DPST 1A 12V
Version : 06
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
   MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
   MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
   Miniature Power Relay
logo
American Zettler, Inc.
AZ960 AZETTLER-AZ960 Datasheet
78Kb / 2P
   MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
   MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com