Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ761-1C-24D Datasheet (PDF) - ZETTLER Electronics

AZ761-1C-24D Datasheet PDF - ZETTLER Electronics
Part # AZ761-1C-24D
Download  AZ761-1C-24D Download

File Size   56.12 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 12 A SPDT MINIATURE POWER RELAY

AZ761-1C-24D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ761-1C-24D Datasheet PDF - ZETTLER Electronics

Part # AZ761-1C-24D
Download  AZ761-1C-24D Click to download

File Size   56.12 Kbytes
Page   2 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 12 A SPDT MINIATURE POWER RELAY

AZ761-1C-24D Datasheet (HTML) - ZETTLER Electronics

AZ761-1C-24D Datasheet HTML 1Page - ZETTLER Electronics AZ761-1C-24D Datasheet HTML 2Page - ZETTLER Electronics

AZ761-1C-24D Product details

FEATURES
• Dielectric strength 5000 Vrms
• Epoxy sealed version available
• Isolation spacing greater than 10 mm
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1),
   EN 60335-1 (VDE 0700, part 1)
• Class F insulation (155°C) available
• UL, CUR file E44211
• VDE certificate 40006031




Similar Part No. - AZ761-1C-24D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ761-1C-24D AZETTLER-AZ761-1C-24D Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ761-1C-24D ZETTLER-AZ761-1C-24D Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761-1C-24DE AZETTLER-AZ761-1C-24DE Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-24DS AZETTLER-AZ761-1C-24DS Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ761-1C-24DSE AZETTLER-AZ761-1C-24DSE Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
More results


Similar Description - AZ761-1C-24D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ763 ZETTLER-AZ763 Datasheet
207Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
AZ761 ZETTLER-AZ761_14 Datasheet
56Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 ZETTLER-AZ763_13 Datasheet
109Kb / 4P
   12 A SPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ761 AZETTLER-AZ761 Datasheet
162Kb / 3P
   12 A SPDT MINIATURE POWER RELAY
AZ763 AZETTLER-AZ763 Datasheet
104Kb / 2P
   12 A SPDT MINIATURE POWER RELAY
AZ762 AZETTLER-AZ762 Datasheet
172Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ762P AZETTLER-AZ762P Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
AZ762 ZETTLER-AZ762 Datasheet
54Kb / 2P
   16 A SPDT MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com