Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ742S-2C-60D Datasheet (PDF) - ZETTLER Electronics

AZ742S-2C-60D Datasheet PDF - ZETTLER Electronics
Part # AZ742S-2C-60D
Download  AZ742S-2C-60D Download

File Size   84.05 Kbytes
Page   4 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 8 A DPDT MINIATURE POWER RELAY SMT

AZ742S-2C-60D Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ742S-2C-60D Datasheet PDF - ZETTLER Electronics

Part # AZ742S-2C-60D
Download  AZ742S-2C-60D Click to download

File Size   84.05 Kbytes
Page   4 Pages
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics
Description 8 A DPDT MINIATURE POWER RELAY SMT

AZ742S-2C-60D Datasheet (HTML) - ZETTLER Electronics

AZ742S-2C-60D Datasheet HTML 1Page - ZETTLER Electronics AZ742S-2C-60D Datasheet HTML 2Page - ZETTLER Electronics AZ742S-2C-60D Datasheet HTML 3Page - ZETTLER Electronics AZ742S-2C-60D Datasheet HTML 4Page - ZETTLER Electronics

AZ742S-2C-60D Product details

FEATURES
• Dielectric strength 5000 Vrms
• Low height: 15.7 mm
• AC and DC coils
• Flux proof version
• Isolation spacing greater than 10 mm
• Proof tracking index (PTI/CTI) 250
• Reinforced insulation, EN 60730-1 (VDE 0631, part 1) EN 60335-1 (VDE 0700, part 1)
• UL, CUR file E43203
• VDE certificate 40012572




Similar Part No. - AZ742S-2C-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S-2C-60D ZETTLER-AZ742S-2C-60D Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results


Similar Description - AZ742S-2C-60D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com