Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5335G/FVE Datasheet (PDF) - List of Unclassifed Manufacturers

BD5335G/FVE Datasheet PDF - List of Unclassifed Manufacturers
Part # BD5335G/FVE
Download  BD5335G/FVE Download

File Size   387.9 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description VOLTAGE DETECTOR IC with adjustable delay time

BD5335G/FVE Datasheet (PDF)

Go To PDF Page Download Datasheet
BD5335G/FVE Datasheet PDF - List of Unclassifed Manufacturers

Part # BD5335G/FVE
Download  BD5335G/FVE Click to download

File Size   387.9 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description VOLTAGE DETECTOR IC with adjustable delay time

BD5335G/FVE Datasheet (HTML) - List of Unclassifed Manufacturers

BD5335G/FVE Datasheet HTML 1Page - List of Unclassifed Manufacturers BD5335G/FVE Datasheet HTML 2Page - List of Unclassifed Manufacturers BD5335G/FVE Datasheet HTML 3Page - List of Unclassifed Manufacturers BD5335G/FVE Datasheet HTML 4Page - List of Unclassifed Manufacturers

BD5335G/FVE Product details

Description

BD52XXG/FVE, BD53XXG/FVE are series of high-accuracy detection voltage and low current consumption VOLTAGE DETECTOR ICs adopting CMOS process. New lineup of 152 types with delay time circuit have developed in addition to well-reputed 152 types of VOLTAGE DETECTOR ICs. Any delay time can be established by using small capacitor due to high-resistance process technology. Total 152 types of VOLTAGE DETECTOR ICs including BD52XXG/FVE series (Nch open drain output) and BD53XXG/ FVE series (CMOS output), each of which has 38 kinds in every

0.1V step (2.3~6.0V) have developed.



Features

1) Detection voltage: 0.1V step line-up   2.3~6.0V (Typ.)

2) High-accuracy detection voltage:±1.5% (Max.)

3) Ultra low current consumption: 0.95mA (Typ.)

4) Nch open drain output (BD52XXG/FVE series),

CMOS output (BD53XXG/FVE series)

5) Small VSOF5(EMP5), SSOP5(SMP5C2) package




Similar Part No. - BD5335G/FVE

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5335G ROHM-BD5335G Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD5335G ROHM-BD5335G Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5335G ROHM-BD5335G Datasheet
308Kb / 12P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5335G-2C ROHM-BD5335G-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5335G-2CTR ROHM-BD5335G-2CTR Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
More results


Similar Description - BD5335G/FVE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
logo
Torex Semiconductor
XC6119 TOREX-XC6119 Datasheet
313Kb / 16P
   Voltage Detector with Delay Time Adjustable
XC6129 TOREX-XC6129 Datasheet
598Kb / 30P
   Voltage Detector with Delay Time Adjustable
logo
Rohm
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
   Voltage Detector IC Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com