Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3940U-2.5 Datasheet (PDF) - Sipex Corporation

SPX3940U-2.5 Datasheet PDF - Sipex Corporation
Part # SPX3940U-2.5
Download  SPX3940U-2.5 Download

File Size   215.24 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A Low Dropout Voltage Regulator Fixed Output, Fast Response

SPX3940U-2.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPX3940U-2.5 Datasheet PDF - Sipex Corporation

Part # SPX3940U-2.5
Download  SPX3940U-2.5 Click to download

File Size   215.24 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A Low Dropout Voltage Regulator Fixed Output, Fast Response

SPX3940U-2.5 Datasheet (HTML) - Sipex Corporation

Back Button SPX3940U-2.5 Datasheet HTML 1Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 2Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 3Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 4Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 5Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 6Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 7Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 8Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 9Page - Sipex Corporation SPX3940U-2.5 Datasheet HTML 10Page - Sipex Corporation Next Button 

SPX3940U-2.5 Product details

DESCRIPTION

The SPX3940 is a 1A, accurate voltage regulators with a low drop out voltage of 280mV(typical) at 1A. These regulators are specifically designed for low voltage applications that require a low dropout voltage and a fast transient response. They are fully fault protected against over-current, reverse battery, and positive and negative voltage transients.



FEATURES

■1% Output Accuracy SPX3940A

■Guaranteed 1.5A Peak Current

■Low Quiescent Current

■Low Dropout Voltage of 280mV at 1A

■Extremely Tight Load and Line Regulation

■Extremely Fast Transient Response

■Reverse-battery Protection

■Internal Thermal Protection

■Internal Short Circuit Current Limit

■Replacement for LM3940

■Standard SOT-223, TO-220 and TO-263 packages



APPLICATIONS

■Powering VGA & Sound Card

■Automotive Electronics

■LCD Monitors

■Cordless Telephones

■Power PCTM Supplies

■SMPS Post-Regulator

■Laptop, Palmtop, and Note book Computer

■High Efficiency Linear Power Supplies

■Portable Instrumentation

■Constant Current Regulators



Similar Part No. - SPX3940U-2.5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3940 EXAR-SPX3940 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-1-8 EXAR-SPX3940AM3-L-1-8 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-1-8TR EXAR-SPX3940AM3-L-1-8TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-2-5 EXAR-SPX3940AM3-L-2-5 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AM3-L-2-5TR EXAR-SPX3940AM3-L-2-5TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
More results


Similar Description - SPX3940U-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com