Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1117S-5 Datasheet (PDF) - List of Unclassifed Manufacturers

L1117S-5 Datasheet PDF - List of Unclassifed Manufacturers
Part # L1117S-5
Download  L1117S-5 Download

File Size   101.71 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)

L1117S-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1117S-5 Datasheet PDF - List of Unclassifed Manufacturers

Part # L1117S-5
Download  L1117S-5 Click to download

File Size   101.71 Kbytes
Page   10 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)

L1117S-5 Datasheet (HTML) - List of Unclassifed Manufacturers

L1117S-5 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers L1117S-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers

L1117S-5 Product details

[NIKO-SEM]



GENERAL DESCRIPTION

The L1117 Series are positive and low dropout three-terminal voltage regulators with 1A output current capability. These devices are designed for use in low voltage applications that offers lower dropout voltage and faster transient response.

These devices are fully protected against over current faults, over temperature operation, reversed input polarity, reversed lead insertion, transient voltage spike …etc.

On-Chips trimming the reference voltage to 2% and features the low dropout of maximum 1.45 volts.

The L1117 Series regulators offer fixed and adjustable voltage options available in the popular industry standard SOT-223, TO-220, TO-252 and TO-263 packages.



FEATURES

● Fixed 2.5V, 2.85V, 3.3V, 5V or adjustable output voltage

● Low dropout voltage: 1.2V typical at up to 1A

● Low ground current

● Fast transient response

● Current & thermal limiting

● Line regulation: 0.5% typical

● Load regulation: 0.5% typical

● SOT-223, TO-220, TO-252, TO-263 package



APPLICATIONS

● 2.85V active SCSI terminators

● 8-15V to 5V linear regulators

● 5V to 2.5V or 3.3V linear regulators

● Low voltage micro-controllers

● Battery Chargers

● Motherboard clock supplies

● Post regulator for switching supplies

● Micro-controllers



 



Similar Part No. - L1117S-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-1.8 ETC1-L1117XG-1.8 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-2.5 ETC1-L1117XG-2.5 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-2.85 ETC1-L1117XG-2.85 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-3.3 ETC1-L1117XG-3.3 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results


Similar Description - L1117S-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
   0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com