Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300UF30A Datasheet (PDF) - International Rectifier

300UF30A Datasheet PDF - International Rectifier
Part # 300UF30A
Download  300UF30A Download

File Size   188.75 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES

300UF30A Datasheet (PDF)

Go To PDF Page Download Datasheet
300UF30A Datasheet PDF - International Rectifier

Part # 300UF30A
Download  300UF30A Click to download

File Size   188.75 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD RECOVERY DIODES

300UF30A Datasheet (HTML) - International Rectifier

300UF30A Datasheet HTML 1Page - International Rectifier 300UF30A Datasheet HTML 2Page - International Rectifier 300UF30A Datasheet HTML 3Page - International Rectifier 300UF30A Datasheet HTML 4Page - International Rectifier 300UF30A Datasheet HTML 5Page - International Rectifier 300UF30A Datasheet HTML 6Page - International Rectifier 300UF30A Datasheet HTML 7Page - International Rectifier

300UF30A Product details

STANDARD RECOVERY DIODES(250A, 300A)



Features

Alloy diode

Peak reverse voltage up to 1000V

Popular series for rough service

Standard JEDEC types

Stud cathode and stud anode version



T ypical Applications

Welders

Power supplies

Motor controls

Battery chargers

General industrial current rectification




Similar Part No. - 300UF30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
300U VISHAY-300U Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
300U VISHAY-300U Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
logo
International Rectifier
300U010A IRF-300U010A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
300U020A IRF-300U020A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
300U030A IRF-300U030A Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES
More results


Similar Description - 300UF30A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com