Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP50-100 Datasheet (PDF) - STMicroelectronics

SMP50-100 Datasheet PDF - STMicroelectronics
Part # SMP50-100
Download  SMP50-100 Download

File Size   106.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISIL FOR TELECOM EQUIPMENT PROTECTION

SMP50-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP50-100 Datasheet PDF - STMicroelectronics

Part # SMP50-100
Download  SMP50-100 Click to download

File Size   106.78 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description TRISIL FOR TELECOM EQUIPMENT PROTECTION

SMP50-100 Datasheet (HTML) - STMicroelectronics

SMP50-100 Datasheet HTML 1Page - STMicroelectronics SMP50-100 Datasheet HTML 2Page - STMicroelectronics SMP50-100 Datasheet HTML 3Page - STMicroelectronics SMP50-100 Datasheet HTML 4Page - STMicroelectronics SMP50-100 Datasheet HTML 5Page - STMicroelectronics SMP50-100 Datasheet HTML 6Page - STMicroelectronics SMP50-100 Datasheet HTML 7Page - STMicroelectronics SMP50-100 Datasheet HTML 8Page - STMicroelectronics SMP50-100 Datasheet HTML 9Page - STMicroelectronics SMP50-100 Datasheet HTML 10Page - STMicroelectronics

SMP50-100 Product details

Description
These Trisil series have been designed to protect telecommunication equipment against lightning and transient induced by AC power lines.
They are available in SMA, SMB and DO-15 packages.

Features
■ Bidirectional crowbar protection
■ Voltage range from 62 V to 320 V
■ Low capacitance from 12 pF to 20 pF @ 50 V
■ Low leakage current : IR = 2 µA max
■ Holding current: IH = 150 mA min
■ Repetitive peak pulse current :
   IPP = 50 A (10/1000 µs)

Main applications
Telecommunication equipment such as:
■ Analog and digital line cards (xDSL, T1/E1,
   ISDN, ...)
■ Terminals (phone, fax, modem, ...) and central
   office equipment




Similar Part No. - SMP50-100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-100 STMICROELECTRONICS-SMP50-100 Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP50-100 STMICROELECTRONICS-SMP50-100 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results


Similar Description - SMP50-100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
   TRISIL for telecom equipment protection
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
July 2002 - Ed: 8C
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com