Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0826-1G4T-23 Datasheet (PDF) - Bel Fuse Inc.

0826-1G4T-23 Datasheet PDF - Bel Fuse Inc.
Part # 0826-1G4T-23
Download  0826-1G4T-23 Download

File Size   99.21 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description INTEGRATED CONNECTOR MODULES BM02830 Gigabit belStick??with LEDs

0826-1G4T-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
0826-1G4T-23 Datasheet PDF - Bel Fuse Inc.

Part # 0826-1G4T-23
Download  0826-1G4T-23 Click to download

File Size   99.21 Kbytes
Page   4 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description INTEGRATED CONNECTOR MODULES BM02830 Gigabit belStick??with LEDs

0826-1G4T-23 Datasheet (HTML) - Bel Fuse Inc.

0826-1G4T-23 Datasheet HTML 1Page - Bel Fuse Inc. 0826-1G4T-23 Datasheet HTML 2Page - Bel Fuse Inc. 0826-1G4T-23 Datasheet HTML 3Page - Bel Fuse Inc. 0826-1G4T-23 Datasheet HTML 4Page - Bel Fuse Inc.

0826-1G4T-23 Product details

• Four port shielded RJ-45 connector with integrated Gigabit Ethernet magnetics

• Compatible with a variety of Gigabit Ethernet transceiver ICs and 10/100Base-TX transceiver ICs

• Operating temperature 0° to +70° C

• Storage temperature -40° to +85° C

• Complies with IEEE 802.3ab standards and all Gigabit Ethernet specifications

• Integrated design conserves valuable board space

• Minimum interwinding breakdown voltage of 1500 Vrms

• Adaptable, modular design provides higher reliability



 




Similar Part No. - 0826-1G4T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0826-1G1T-23 BEL-0826-1G1T-23 Datasheet
76Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01810 Gigabit belMag??with LEDs
0826-1G1T-43-F BEL-0826-1G1T-43-F Datasheet
508Kb / 4P
   GLGABIT MAGJACK (8 CORE, TAB UP) 0826-1G1T-43-F PATENTED
More results


Similar Description - 0826-1G4T-23

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0810-1XX4-03 BEL-0810-1XX4-03 Datasheet
143Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick??with LEDs
0810-1X4T-03 BEL-0810-1X4T-03 Datasheet
211Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick??with LEDs
0892-1AX1-62 BEL-0892-1AX1-62 Datasheet
62Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belCombo??with LEDs
0843-2B1T-33 BEL-0843-2B1T-33 Datasheet
87Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belStack??with LEDs
0821-1A1T-43 BEL-0821-1A1T-43 Datasheet
56Kb / 4P
   INTEGRATED CONNECTOR MODULES BM02835 Gigabit belCombo??with LEDs
0826-1A1T-23 BEL-0826-1A1T-23 Datasheet
76Kb / 4P
   INTEGRATED CONNECTOR MODULES BM01810 Gigabit belMag??with LEDs
0862-1J1T-43 BEL-0862-1J1T-43 Datasheet
66Kb / 4P
   INTEGRATED CONNECTOR MODULES BM02834 Gigabit belCombo??with LEDs
0811-1X4T-03 BEL-0811-1X4T-03 Datasheet
182Kb / 4P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belStick
0811-1XX4-03 BEL-0811-1XX4-03 Datasheet
122Kb / 2P
   INTEGRATED CONNECTOR MODULES BM01819 10/100Base-TX belStick?
0826-1XX1-46 BEL-0826-1XX1-46 Datasheet
140Kb / 3P
   INTEGRATED CONNECTOR MODULES Gigabit Ethernet Single Port MagJack with LEDs
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com