Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C52X2 Datasheet (PDF) - NXP Semiconductors

P80C52X2 Datasheet PDF - NXP Semiconductors
Part # P80C52X2
Download  P80C52X2 Download

File Size   380.41 Kbytes
Page   62 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz

P80C52X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
P80C52X2 Datasheet PDF - NXP Semiconductors

Part # P80C52X2
Download  P80C52X2 Click to download

File Size   380.41 Kbytes
Page   62 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz

P80C52X2 Datasheet (HTML) - NXP Semiconductors

Back Button P80C52X2 Datasheet HTML 1Page - NXP Semiconductors P80C52X2 Datasheet HTML 2Page - NXP Semiconductors P80C52X2 Datasheet HTML 3Page - NXP Semiconductors P80C52X2 Datasheet HTML 4Page - NXP Semiconductors P80C52X2 Datasheet HTML 5Page - NXP Semiconductors P80C52X2 Datasheet HTML 6Page - NXP Semiconductors P80C52X2 Datasheet HTML 7Page - NXP Semiconductors P80C52X2 Datasheet HTML 8Page - NXP Semiconductors P80C52X2 Datasheet HTML 9Page - NXP Semiconductors P80C52X2 Datasheet HTML 10Page - NXP Semiconductors Next Button 

P80C52X2 Product details

DESCRIPTION
The Philips microcontrollers described in this data sheet are high-performance static 80C51 designs incorporating Philips’ high-density CMOS technology with operation from 2.7 V to 5.5 V.
They support both 6-clock and 12-clock operation. The 8xC31X2/51X2 and 8xC32X2/52X2/54X2/58X2 contain 128 byte RAM and 256 byte RAM respectively, 32 I/O lines, three 16-bit counter/timers, a six-source, four-priority level nested interrup structure, a serial I/O port for either multi-processor communications, I/O expansion or full duplex UART, and on-chip
oscillator and clock circuits.

FEATURES
• 80C51 Central Processing Unit
    –4 kbytes ROM/EPROM (80/87C51X2)
    –8 kbytes ROM/EPROM (80/87C52X2)
    –16 kbytes ROM/EPROM (80/87C54X2)
    –32 kbytes ROM/EPROM (80/87C58X2)
    –128 byte RAM (80/87C51X2 and 80C31X2)
    –256 byte RAM (80/87C52/54X2/58X2 and 80C32X2)
    –Boolean processor
    –Fully static operation
    –Low voltage (2.7 V to 5.5 V at 16 MHz) operation
• 12-clock operation with selectable 6-clock operation
• Memory addressing capability
    –64 kbytes ROM and 64 kbytes RAM
• Power control modes:
    –Clock can be stopped and resumed
    –Idle mode
    –Power-down mode
• CMOS and TTL compatible
• Two speed ranges at VCC= 5 V
    –0 to 30 MHz with 6-clock operation
    –0 to 33 MHz with 12-clock operation




Similar Part No. - P80C52X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C52X2 NXP-P80C52X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
More results


Similar Description - P80C52X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
P87C654X2 PHILIPS-P87C654X2 Datasheet
497Kb / 88P
   80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
P83C654X2 NXP-P83C654X2 Datasheet
501Kb / 88P
   80C51 8-bit microcontroller family 16 kB OTP/ROM, 256B RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2004 Apr 20
P80C3XX2 PHILIPS-P80C3XX2_15 Datasheet
409Kb / 62P
   low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)null 128B/256B RAM
2003 Jan 24
P83C660X2 NXP-P83C660X2 Datasheet
572Kb / 102P
   80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces
2003 Oct 02
8XC54 PHILIPS-8XC54 Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
89C52 PHILIPS-89C52 Datasheet
245Kb / 39P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
2002 Jan 15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com