Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15120450 Datasheet (PDF) - Chicago Miniature Lamp,inc

15120450 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 15120450
Download  15120450 Download

File Size   263.44 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description MultiLEDs T13/4 (6mm) MG 4-Chip-LED

15120450 Datasheet (PDF)

Go To PDF Page Download Datasheet
15120450 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 15120450
Download  15120450 Click to download

File Size   263.44 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description MultiLEDs T13/4 (6mm) MG 4-Chip-LED

15120450 Datasheet (HTML) - Chicago Miniature Lamp,inc

15120450 Datasheet HTML 1Page - Chicago Miniature Lamp,inc



Similar Part No. - 15120450

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151204-2320-RB 3M-151204-2320-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151204-2320-RB-WX 3M-151204-2320-RB-WX Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151204-2420-RB 3M-151204-2420-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151204-2420-RB-WX 3M-151204-2420-RB-WX Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151204-7322-RB 3M-151204-7322-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
More results


Similar Description - 15120450

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1512035X CML-1512035X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED
1512135X CML-1512135X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) MG 6-Chip-LED
1513035X CML-1513035X Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 4-Chip-LED with bridge rectifier
1510045X CML-1510045X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) MF 4-Chip-LED
1513045X CML-1513045X Datasheet
267Kb / 1P
   MultiLEDs T13/4 (6mm) MG 6-Chip-LED with bridge rectifier
1512115XXX CML-1512115XXX Datasheet
332Kb / 1P
   MultiLEDs T13/4 (6mm) MG with protection diode
1509045X CML-1509045X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1510035X CML-1510035X Datasheet
263Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1509035X CML-1509035X Datasheet
256Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 4-Chip-LED
1510145X CML-1510145X Datasheet
261Kb / 1P
   MultiLEDs T13/4 (6mm) BI-Pin 6-Chip-LED
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com