Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE440 Datasheet (PDF) - Shanghai Sunrise Electronics

1.5KE440 Datasheet PDF - Shanghai Sunrise Electronics
Part # 1.5KE440
Download  1.5KE440 Download

File Size   34.33 Kbytes
Page   3 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description TRANSIENT VOLTAGE SUPPRESSOR

1.5KE440 Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5KE440 Datasheet PDF - Shanghai Sunrise Electronics

Part # 1.5KE440
Download  1.5KE440 Click to download

File Size   34.33 Kbytes
Page   3 Pages
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics
Description TRANSIENT VOLTAGE SUPPRESSOR

1.5KE440 Datasheet (HTML) - Shanghai Sunrise Electronics

1.5KE440 Datasheet HTML 1Page - Shanghai Sunrise Electronics 1.5KE440 Datasheet HTML 2Page - Shanghai Sunrise Electronics 1.5KE440 Datasheet HTML 3Page - Shanghai Sunrise Electronics

1.5KE440 Product details

BREAKDOWN VOLTAGE:6.8-440V
PEAK PULSE POWER: 1500W

FEATURES
• 1500W peak pulse power capability
• Excellent clamping capability
• Low incremental surge resistance
• Fast response time:
   typically less than 1.0ps from 0V to VBR
   for unidirectional and 5.0nS for bidirectional types.
• High temperature soldering guaranteed:
   265°C/10S/9.5mm lead length at 5 lbs tension




Similar Part No. - 1.5KE440

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1.5KE440 WILLAS-1.5KE440 Datasheet
670Kb / 4P
   REVERSE VOLTAGE 6.8 to 600 Volts PEAK PULSE POWER 1500 WATTS
logo
Transys Electronics
1.5KE440 TRSYS-1.5KE440 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE440 PANJIT-1.5KE440 Datasheet
82Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Goodwork Semiconductor ...
1.5KE440 GWSEMI-1.5KE440 Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
1.5KE440 SECOS-1.5KE440 Datasheet
218Kb / 4P
   VOLTAGE 6.8V ~ 440V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
More results


Similar Description - 1.5KE440

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com