Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSTD16211G Datasheet (PDF) - Fairchild Semiconductor

FSTD16211G Datasheet PDF - Fairchild Semiconductor
Part # FSTD16211G
Download  FSTD16211G Download

File Size   322.21 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 24-Bit Bus Switch with Level Shifting

FSTD16211G Datasheet (PDF)

Go To PDF Page Download Datasheet
FSTD16211G Datasheet PDF - Fairchild Semiconductor

Part # FSTD16211G
Download  FSTD16211G Click to download

File Size   322.21 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 24-Bit Bus Switch with Level Shifting

FSTD16211G Datasheet (HTML) - Fairchild Semiconductor

FSTD16211G Datasheet HTML 1Page - Fairchild Semiconductor FSTD16211G Datasheet HTML 2Page - Fairchild Semiconductor FSTD16211G Datasheet HTML 3Page - Fairchild Semiconductor FSTD16211G Datasheet HTML 4Page - Fairchild Semiconductor FSTD16211G Datasheet HTML 5Page - Fairchild Semiconductor FSTD16211G Datasheet HTML 6Page - Fairchild Semiconductor FSTD16211G Datasheet HTML 7Page - Fairchild Semiconductor

FSTD16211G Product details

General Description
The Fairchild Switch FSTD16211 provides 24-bits of highspeed CMOS TTL-compatible bus switching. The low On Resistance of the switch allows inputs to be connected to outputs without adding propagation delay or generating additional ground bounce noise. A diode to VCC has been integrated into the circuit to allow for level shifting between 5V inputs and 3.3V outputs.

Features
■ 4Ω switch connection between two ports
■ Voltage level shifting
■ Minimal propagation delay through the switch
■ Low lCC
■ Zero bounce in flow-through mode
■ Control inputs compatible with TTL level
■ Also packaged in plastic Fine-Pitch Ball Grid Array (FBGA)




Similar Part No. - FSTD16211G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSTD16211G ONSEMI-FSTD16211G Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
More results


Similar Description - FSTD16211G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSTD16211 ONSEMI-FSTD16211 Datasheet
410Kb / 9P
   24-Bit Bus Switch with Level Shifting
Revised April 2005
logo
Texas Instruments
SN74CBTD16211 TI-SN74CBTD16211 Datasheet
87Kb / 6P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD16211DGVR TI-SN74CBTD16211DGVR Datasheet
330Kb / 12P
[Old version datasheet]   24-BIT FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
logo
ON Semiconductor
FSTD3125 ONSEMI-FSTD3125 Datasheet
617Kb / 10P
   4-Bit Bus Switch with Level Shifting
May 2012 Rev. 1.0.3
FSTD16861 ONSEMI-FSTD16861 Datasheet
273Kb / 8P
   20-Bit Bus Switch with Level Shifting
Revised June 2005
logo
Fairchild Semiconductor
FSTD3125 FAIRCHILD-FSTD3125_12 Datasheet
642Kb / 8P
   4-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125 Datasheet
145Kb / 7P
   4-Bit Bus Switch with Level Shifting
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com