Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC5503CB Datasheet (PDF) - Intersil Corporation

HC5503CB Datasheet PDF - Intersil Corporation
Part # HC5503CB
Download  HC5503CB Download

File Size   774.67 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost 24V SLIC For PABX / Key Systems

HC5503CB Datasheet (PDF)

Go To PDF Page Download Datasheet
HC5503CB Datasheet PDF - Intersil Corporation

Part # HC5503CB
Download  HC5503CB Click to download

File Size   774.67 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost 24V SLIC For PABX / Key Systems

HC5503CB Datasheet (HTML) - Intersil Corporation

Back Button HC5503CB Datasheet HTML 1Page - Intersil Corporation HC5503CB Datasheet HTML 2Page - Intersil Corporation HC5503CB Datasheet HTML 3Page - Intersil Corporation HC5503CB Datasheet HTML 4Page - Intersil Corporation HC5503CB Datasheet HTML 5Page - Intersil Corporation HC5503CB Datasheet HTML 6Page - Intersil Corporation HC5503CB Datasheet HTML 7Page - Intersil Corporation HC5503CB Datasheet HTML 8Page - Intersil Corporation HC5503CB Datasheet HTML 9Page - Intersil Corporation HC5503CB Datasheet HTML 10Page - Intersil Corporation Next Button 

HC5503CB Product details

The Intersil HC5503 low cost SLIC is optimized for use in small Analog or mixed Analog and Digital Key Telephone Systems (KTS) or PBX products. The low component count solution and surface mount package options, enable a small desktop Key System/PBX product to be achieved. The internal power dissipation of the end product is minimized by the low power consumption and minimal power supply voltage requirements of the HC5503.

Features
• Wide Operating Battery Range (-21V to -44V)
• Single Additional +5V Supply
• 25mA Short Loop Current Limit
• Ring Relay Driver
• Switch Hook and Ring Trip Detect
• Low On-Hook Power Consumption
• On-Hook Transmission
• ITU-T Longitudinal Balance Performance
• Loop Power Denial Function
• Thermal Protection
• Supports Tip, Ring or Balanced Ringing Schemes
• Low Profile Surface Mount Packaging
• Pin Compatible with Industry Standard HC5504B SLIC
• Pb-free Available

Applications
• Analog Subscriber Line Interfaces in Analog Key Systems and Digital ISDN PABX Systems
• Related Literature
    - AN571, Using Ring Sync with HC-5502A and HC-5504 SLICs




Similar Part No. - HC5503CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503CB RENESAS-HC5503CB Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
HC5503CBZ RENESAS-HC5503CBZ Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
HC5503CBZ96 RENESAS-HC5503CBZ96 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
More results


Similar Description - HC5503CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1_03 Datasheet
558Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
logo
Renesas Technology Corp
HC-5504B1 RENESAS-HC-5504B1 Datasheet
578Kb / 10P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
August 2003
logo
Intersil Corporation
HC-5504B1 INTERSIL-HC-5504B1 Datasheet
84Kb / 9P
   ITU Low Cost, PABX SLIC With 40mA Loop Feed
February 1999
HC-5524 INTERSIL-HC-5524 Datasheet
87Kb / 9P
   EIA/ITU 24V PABX SLIC with 25mA Loop Feed
February 1999
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
List of Unclassifed Man...
AG1110 ETC1-AG1110 Datasheet
437Kb / 10P
   LOW COST SLIC
logo
STMicroelectronics
L3234 STMICROELECTRONICS-L3234 Datasheet
457Kb / 26P
   HIGHLY INTEGRATED SLIC KIT TARGETED TO PABX AND KEY SYSTEM APPLICATIONS
logo
Intersil Corporation
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com