Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV100 Datasheet (PDF) - NXP Semiconductors

BAV100 Datasheet PDF - NXP Semiconductors
Part # BAV100
Download  BAV100 Download

File Size   34.99 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diodes

BAV100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV100 Datasheet PDF - NXP Semiconductors

Part # BAV100
Download  BAV100 Click to download

File Size   34.99 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose diodes

BAV100 Datasheet (HTML) - NXP Semiconductors

BAV100 Datasheet HTML 1Page - NXP Semiconductors BAV100 Datasheet HTML 2Page - NXP Semiconductors BAV100 Datasheet HTML 3Page - NXP Semiconductors BAV100 Datasheet HTML 4Page - NXP Semiconductors BAV100 Datasheet HTML 5Page - NXP Semiconductors BAV100 Datasheet HTML 6Page - NXP Semiconductors BAV100 Datasheet HTML 7Page - NXP Semiconductors BAV100 Datasheet HTML 8Page - NXP Semiconductors

BAV100 Product details

DESCRIPTION

The BAV100 to BAV103 are switching diodes fabricated in planar technology, and encapsulated in small hermetically sealed glass SOD80C SMD packages.



FEATURES

• Small hermetically sealed glass SMD package

• Switching speed: max. 50 ns

• General application

• Continuous reverse voltage: max. 50 V, 100 V, 150 V and 200 V respectively

• Repetitive peak reverse voltage: max. 60 V, 120 V, 200 V and 250 V respectively

• Repetitive peak forward current: max. 625 mA.



APPLICATIONS

• Switching in industrial equipment

e.g. oscilloscopes, digital

voltmeters and video output stages

in colour television.




Similar Part No. - BAV100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
   Silicon Epitaxial Planar Diodes
Rev. 2, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
   Surface Mount Small Signal Switching Diode
logo
Diode Semiconductor Kor...
BAV100 DSK-BAV100 Datasheet
169Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
logo
General Semiconductor
BAV100 GE-BAV100 Datasheet
144Kb / 4P
   Small Signal Diodes
logo
Micro Commercial Compon...
BAV100 MCC-BAV100 Datasheet
765Kb / 4P
   Small Signal Diodes
More results


Similar Description - BAV100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
   General Purpose Diodes
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com