Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

553-2233-300 Datasheet (PDF) - Dialight Corporation

553-2233-300 Datasheet PDF - Dialight Corporation
Part # 553-2233-300
Download  553-2233-300 Download

File Size   76.6 Kbytes
Page   10 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description LED CBI Circuit Board Indicator Bi-level

553-2233-300 Datasheet (PDF)

Go To PDF Page Download Datasheet
553-2233-300 Datasheet PDF - Dialight Corporation

Part # 553-2233-300
Download  553-2233-300 Click to download

File Size   76.6 Kbytes
Page   10 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description LED CBI Circuit Board Indicator Bi-level

553-2233-300 Datasheet (HTML) - Dialight Corporation

553-2233-300 Datasheet HTML 1Page - Dialight Corporation 553-2233-300 Datasheet HTML 2Page - Dialight Corporation 553-2233-300 Datasheet HTML 3Page - Dialight Corporation 553-2233-300 Datasheet HTML 4Page - Dialight Corporation 553-2233-300 Datasheet HTML 5Page - Dialight Corporation 553-2233-300 Datasheet HTML 6Page - Dialight Corporation 553-2233-300 Datasheet HTML 7Page - Dialight Corporation 553-2233-300 Datasheet HTML 8Page - Dialight Corporation 553-2233-300 Datasheet HTML 9Page - Dialight Corporation 553-2233-300 Datasheet HTML 10Page - Dialight Corporation

553-2233-300 Product details

Features

• Multiple CBIs form horizontal LED arrays on 5.08mm (0.200”) center-lines.

• High Contrast, UL 94 V-0 rated, black housing

• Oxygen index: 32%

• Polymer content: PBT, 0.405 g

• Housing stand-offs facilitate PCB cleaning

• Solderability per MIL-STD-202F, method 208F

• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1

• Compatible with: 553-xxxx-306 Bi-Level Array



 




Similar Part No. - 553-2233-300

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
553-2233-300 DIALIGHT-553-2233-300 Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
More results


Similar Description - 553-2233-300

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
553-0122-300F DIALIGHT-553-0122-300F Datasheet
80Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-0111F DIALIGHT-553-0111F Datasheet
84Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
553-XXXX DIALIGHT-553-XXXX Datasheet
79Kb / 10P
   3mm LED CBI Circuit Board Indicator Bi-level
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
   LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
552-35XX DIALIGHT-552-35XX Datasheet
29Kb / 2P
   5mm LED CBI Circuit Board Indicator 3 Leaded, Bi-Color, Bi-Level
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
552-22XX-100 DIALIGHT-552-22XX-100 Datasheet
24Kb / 2P
   5mm 5V LED CBI Circuit Board Indicator Bi-Level For Backlighting
569-011X-X00 DIALIGHT-569-011X-X00 Datasheet
43Kb / 3P
   3mm LED CBI Circuit Board Indicator High Density Narrow Bi-Level
571-0112-100 DIALIGHT-571-0112-100 Datasheet
32Kb / 2P
   2mm LED CBI Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com