Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM1L-0303S-N Datasheet (PDF) - AIMTEC

AM1L-0303S-N Datasheet PDF - AIMTEC
Part # AM1L-0303S-N
Download  AM1L-0303S-N Download

File Size   530.88 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 watt dc-dc converters

AM1L-0303S-N Datasheet (PDF)

Go To PDF Page Download Datasheet
AM1L-0303S-N Datasheet PDF - AIMTEC

Part # AM1L-0303S-N
Download  AM1L-0303S-N Click to download

File Size   530.88 Kbytes
Page   4 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 1 watt dc-dc converters

AM1L-0303S-N Datasheet (HTML) - AIMTEC

AM1L-0303S-N Datasheet HTML 1Page - AIMTEC AM1L-0303S-N Datasheet HTML 2Page - AIMTEC AM1L-0303S-N Datasheet HTML 3Page - AIMTEC AM1L-0303S-N Datasheet HTML 4Page - AIMTEC

AM1L-0303S-N Product details

GENERAL DESCRIPTION
Our AM1/4L-N series is a family of cost effective 1/4W single and dual output DC/DC converters. These converters combine a miniature SMD package and high performance features such as a 1000 & 3000VDC input/output isolation voltages, continuous short circuit protection and a tight line / load regulation.
96 models operate from input voltages of 3.3, 5, 12 and 24VDC producing output voltages of 3.3, 5, 9, 12, 15, 24, ±5, ±9, ±12, ±15 & ±24VDC. Full SMD design and a 100% production test of parameters ensures a high reliability in this product.

0.25 watt dc-dc converters

• SMD PACKAGE
• UL94-VO PACKAGE
• LOW RIPPLE & NOISE
• EFFICIENCY UP TO 68%
• INPUT/OUTPUT ISOLATIONS OF 1000 & 3000VDC
• OPERATING TEMPERATURE: -40°C ... +85°C
• UNREGULATED
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS




Similar Part No. - AM1L-0303S-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1L-0303S-N ETC-AM1L-0303S-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0303S-N AIMTEC-AM1L-0303S-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0303S-N AIMTEC-AM1L-0303S-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0303S-NZ AIMTEC-AM1L-0303S-NZ Datasheet
354Kb / 6P
   1 Watt | DC-DC Converter
AM1L-0303S-NZ AIMTEC-AM1L-0303S-NZ Datasheet
365Kb / 6P
   1 Watt | DC-DC Converter
More results


Similar Description - AM1L-0303S-N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1D-N AIMTEC-AM1D-N Datasheet
413Kb / 3P
   1 watt dc-dc converters
logo
RSG Electronic Componen...
EC1SA01N RSG-EC1SA01N Datasheet
382Kb / 1P
   1 WATT DC-DC CONVERTERS
logo
List of Unclassifed Man...
AM1L-0505SH30-N ETC-AM1L-0505SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1S-N AIMTEC-AM1S-N Datasheet
341Kb / 2P
   1 watt dc-dc converters
AM1P-N AIMTEC-AM1P-N Datasheet
322Kb / 2P
   1 watt dc-dc converters
AM1DR-N AIMTEC-AM1DR-N Datasheet
288Kb / 2P
   1 watt dc-dc converters
AM1N-N AIMTEC-AM1N-N Datasheet
423Kb / 3P
   1 watt dc-dc converters
AM1DR AIMTEC-AM1DR Datasheet
233Kb / 2P
   1 watt dc-dc converters
AM1S AIMTEC-AM1S Datasheet
240Kb / 2P
   1 watt dc-dc converters
AM1D AIMTEC-AM1D Datasheet
268Kb / 3P
   1 watt dc-dc converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com