Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3309W-3-103 Datasheet (PDF) - Bourns Electronic Solutions

3309W-3-103 Datasheet PDF - Bourns Electronic Solutions
Part # 3309W-3-103
Download  3309W-3-103 Download

File Size   132.93 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Round Trimming Potentiometer

3309W-3-103 Datasheet (PDF)

Go To PDF Page Download Datasheet
3309W-3-103 Datasheet PDF - Bourns Electronic Solutions

Part # 3309W-3-103
Download  3309W-3-103 Click to download

File Size   132.93 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Round Trimming Potentiometer

3309W-3-103 Datasheet (HTML) - Bourns Electronic Solutions

3309W-3-103 Datasheet HTML 1Page - Bourns Electronic Solutions 3309W-3-103 Datasheet HTML 2Page - Bourns Electronic Solutions



Similar Part No. - 3309W-3-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3309W-1-103 BOURNS-3309W-1-103 Datasheet
95Kb / 1P
   3309 - 9 mm Round Trimming Potentiometer
3309W-1-502 BOURNS-3309W-1-502 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
3309W-2-101 BOURNS-3309W-2-101 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
More results


Similar Description - 3309W-3-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3306-6 BOURNS-3306-6 Datasheet
88Kb / 1P
   Round Trimming Potentiometer
RJ50FP103 BOURNS-RJ50FP103 Datasheet
125Kb / 1P
   Round Trimpot Trimming Potentiometer
3352 BOURNS-3352_13 Datasheet
200Kb / 1P
   Round Trimpot Trimming Potentiometer
3319 BOURNS-3319 Datasheet
109Kb / 2P
   9 mm Round Trimming Potentiometer
logo
Suntan Capacitors
TSR-3306 SUNTAN-TSR-3306 Datasheet
739Kb / 1P
   Round Trimming Potentiometer - 3306 6mm
TSR-3306 SUNTAN-TSR-3306_17 Datasheet
719Kb / 1P
   Round Trimming Potentiometer ??3306 6mm
TSR-3309 SUNTAN-TSR-3309 Datasheet
841Kb / 1P
   Round Trimming Potentiometer - 3309 9mm
TSR-3318 SUNTAN-TSR-3318 Datasheet
574Kb / 1P
   Round Trimming Potentiometer - 3318 6mm
logo
Bourns Electronic Solut...
3329 BOURNS-3329 Datasheet
144Kb / 2P
   1/4 Round Trimming Potentiometer
logo
Suntan Capacitors
TSR-3309 SUNTAN-TSR-3309_17 Datasheet
275Kb / 1P
   Round Trimming Potentiometer ??3309 9mm
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com