Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5TW-2403D Datasheet (PDF) - AIMTEC

AM5TW-2403D Datasheet PDF - AIMTEC
Part # AM5TW-2403D
Download  AM5TW-2403D Download

File Size   261.77 Kbytes
Page   2 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 5 watt dc-dc converters

AM5TW-2403D Datasheet (PDF)

Go To PDF Page Download Datasheet
AM5TW-2403D Datasheet PDF - AIMTEC

Part # AM5TW-2403D
Download  AM5TW-2403D Click to download

File Size   261.77 Kbytes
Page   2 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description 5 watt dc-dc converters

AM5TW-2403D Datasheet (HTML) - AIMTEC

AM5TW-2403D Datasheet HTML 1Page - AIMTEC AM5TW-2403D Datasheet HTML 2Page - AIMTEC

AM5TW-2403D Product details

GENERAL DESCRIPTION
Our AM5TW series is a family of cost effective 5W single and dual output DC-DC converters. These converters combine nickel-coated copper package in a 24-pin DIP compatible case with high performance features such as 1500VDC & 3500VDC input/output isolation voltage, continuous short circuit protection with automatic restart and tight line / load regulation. Wide range devices operate over 4:1 input voltage range providing stable output voltage. Devices are encapsulated using flame retardant resin.

5 watt dc-dc converters

• 24-PIN DIP PACKAGE
• LOW PROFILE METAL PACKAGE
• HIGH EFFICIENCY UP TO 80%
• WIDE 4:1 INPUT RANGE
• INPUT/OUTPUT ISOLATION: 1500 & 3500 VDC
• OPERATING TEMPERATURE: -40°C ... +85°C
• PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
• CONTINUOUS SHORT CIRCUIT PROTECTION




Similar Part No. - AM5TW-2403D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5TW-2403D ETC-AM5TW-2403D Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-2403D-RZ AIMTEC-AM5TW-2403D-RZ Datasheet
412Kb / 3P
   5 Watt | DC-DC Converter
AM5TW-2403D-RZ AIMTEC-AM5TW-2403D-RZ Datasheet
248Kb / 3P
   5 Watt | DC-DC Converter
logo
List of Unclassifed Man...
AM5TW-2403DH35 ETC-AM5TW-2403DH35 Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-2403DH35Z AIMTEC-AM5TW-2403DH35Z Datasheet
325Kb / 6P
   5 Watt | DC-DC Converter
More results


Similar Description - AM5TW-2403D

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM5TW-N AIMTEC-AM5TW-N Datasheet
309Kb / 3P
   5 watt dc-dc converters
logo
List of Unclassifed Man...
AM5TW ETC-AM5TW Datasheet
466Kb / 2P
   5 WATT DC-DC CONVERTERS
logo
AIMTEC
AM5TW-C AIMTEC-AM5TW-C Datasheet
311Kb / 2P
   5 watt dc-dc converters
AM5T AIMTEC-AM5T Datasheet
279Kb / 3P
   5 watt dc-dc converters
AM5T-N AIMTEC-AM5T-N Datasheet
295Kb / 3P
   5 watt dc-dc converters
logo
Wall Industries,Inc.
DCMUA WALL-DCMUA Datasheet
279Kb / 5P
   5 Watt DC/DC Power Converters
logo
CINCON ELECTRONICS Corp...
EC4AW-H6 CINCON-EC4AW-H6 Datasheet
132Kb / 2P
   5-6 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TES5 TRACOPOWER-TES5 Datasheet
207Kb / 3P
   DC/DC Converters TES 5 Series, 5 Watt
Rev. September 16, 2022
logo
Wall Industries,Inc.
DCHAA WALL-DCHAA_16 Datasheet
402Kb / 4P
   5~6 Watt DC/DC Power Converters
DCHAA WALL-DCHAA Datasheet
401Kb / 4P
   5~6 Watt DC/DC Power Converters
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com