Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B49410B2186Q000 Datasheet (PDF) - EPCOS

B49410B2186Q000 Datasheet PDF - EPCOS
Part # B49410B2186Q000
Download  B49410B2186Q000 Download

File Size   110.09 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Single cell 1800 F/ 2.5 V

B49410B2186Q000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B49410B2186Q000 Datasheet PDF - EPCOS

Part # B49410B2186Q000
Download  B49410B2186Q000 Click to download

File Size   110.09 Kbytes
Page   2 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Single cell 1800 F/ 2.5 V

B49410B2186Q000 Datasheet (HTML) - EPCOS

B49410B2186Q000 Datasheet HTML 1Page - EPCOS B49410B2186Q000 Datasheet HTML 2Page - EPCOS



Similar Part No. - B49410B2186Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B49410B2126Q000 EPCOS-B49410B2126Q000 Datasheet
110Kb / 2P
   Single cell 1200 F/ 2.5 V
More results


Similar Description - B49410B2186Q000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B49410B2126Q000 EPCOS-B49410B2126Q000 Datasheet
110Kb / 2P
   Single cell 1200 F/ 2.5 V
B49410A2205Q000 EPCOS-B49410A2205Q000 Datasheet
113Kb / 2P
   Single cell 200 F/ 2.5 V
B49410A2115Q000 EPCOS-B49410A2115Q000 Datasheet
114Kb / 2P
   Single cell 110 F/ 2.5 V
B49410B2276Q000 EPCOS-B49410B2276Q000 Datasheet
110Kb / 2P
   Single cell 2700 F/ 2.5 V
B49410B2605Q000 EPCOS-B49410B2605Q000 Datasheet
110Kb / 2P
   Single cell 600 F/ 2.5 V
B49410B2366Q000 EPCOS-B49410B2366Q000 Datasheet
110Kb / 2P
   Single cell 3600 F/ 2.5 V
B49410B2506Q000 EPCOS-B49410B2506Q000 Datasheet
111Kb / 2P
   Single cell 5000 F/ 2.5 V
logo
New Japan Radio
NJM4151 NJRC-NJM4151 Datasheet
431Kb / 10P
   V-F/F-V CONVERTOR
logo
Nell Semiconductor Co.,...
400PT NELLSEMI-400PT Datasheet
1Mb / 2P
   Voltage rating up to 1800 V
logo
Skyworks Solutions Inc.
SKY13548-385LF SKYWORKS-SKY13548-385LF Datasheet
190Kb / 2P
   5 to 1800 MHz Single Control SPDT
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com