Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC556B Datasheet (PDF) - NXP Semiconductors

BC556B Datasheet PDF - NXP Semiconductors
Part # BC556B
Download  BC556B Download

File Size   47.79 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP general purpose transistors

BC556B Datasheet (PDF)

Go To PDF Page Download Datasheet
BC556B Datasheet PDF - NXP Semiconductors

Part # BC556B
Download  BC556B Click to download

File Size   47.79 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP general purpose transistors

BC556B Datasheet (HTML) - NXP Semiconductors

BC556B Datasheet HTML 1Page - NXP Semiconductors BC556B Datasheet HTML 2Page - NXP Semiconductors BC556B Datasheet HTML 3Page - NXP Semiconductors BC556B Datasheet HTML 4Page - NXP Semiconductors BC556B Datasheet HTML 5Page - NXP Semiconductors BC556B Datasheet HTML 6Page - NXP Semiconductors BC556B Datasheet HTML 7Page - NXP Semiconductors BC556B Datasheet HTML 8Page - NXP Semiconductors

BC556B Product details

DESCRIPTION
PNP transistor in a TO-92; SOT54 plastic package.
NPN complements: BC546, BC547 and BC548.

FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 65 V).

APPLICATIONS
• General purpose switching and amplification.




Similar Part No. - BC556B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC556B MOTOROLA-BC556B Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Micro Commercial Compon...
BC556B MCC-BC556B Datasheet
294Kb / 5P
   PNP Silicon Amplifier Transistor 625mW
logo
ON Semiconductor
BC556B ONSEMI-BC556B Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
SHENZHEN YONGERJIA INDU...
BC556B WINNERJOIN-BC556B Datasheet
68Kb / 1P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BC556B SIEMENS-BC556B Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
More results


Similar Description - BC556B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
S9012 WEITRON-S9012 Datasheet
1Mb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com