Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM1404ARNBQ6F Datasheet (PDF) - STMicroelectronics

STM1404ARNBQ6F Datasheet PDF - STMicroelectronics
Part # STM1404ARNBQ6F
Download  STM1404ARNBQ6F Download

File Size   199.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Security Supervisor with Battery Switchover

STM1404ARNBQ6F Datasheet (PDF)

Go To PDF Page Download Datasheet
STM1404ARNBQ6F Datasheet PDF - STMicroelectronics

Part # STM1404ARNBQ6F
Download  STM1404ARNBQ6F Click to download

File Size   199.58 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Security Supervisor with Battery Switchover

STM1404ARNBQ6F Datasheet (HTML) - STMicroelectronics

STM1404ARNBQ6F Datasheet HTML 1Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 2Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 3Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 4Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 5Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 6Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 7Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 8Page - STMicroelectronics STM1404ARNBQ6F Datasheet HTML 9Page - STMicroelectronics

STM1404ARNBQ6F Product details

Description
The STM1404 family of security supervisors are a low power family of intrusion (tamper) detection chips targeted at manufacturers of POS terminals and other systems, to enable them to meet physical and/or environmental intrusion monitoring requirements as mandated by various standards, such as Federal Information Processing Standards (FIPS) Pub 140 entitled “Security Requirements for Cryptographic Modules,” published by the National Institute of Standards and Technology, U.S. Department of Commerce), EMVCo, ISO, ZKA, and VISA PED.

Features
■ STM1404 supports FIPS-140 security level 4
    – Four high-impedance physical tamper inputs
    – Over/under operating voltage detector
    – Security alarm (SAL) on tamper detection
    – Over/under operating temperature detector
    – Over/under temperature thresholds are customer-selectable and factoryprogrammed
■ Supervisory functions
    – Automatic battery switchover
    – RST output (open drain)
    – Manual (push-button) reset input (MR)
    – Power-fail comparator (PFI/PFO)
■ Vccsw (VCC switch output)
    – Low when switched to VCC
    – High when switched to VBAT (BATT ON indicator)
■ Battery low voltage detector (power-up)
■ Optional VREF (1.237 V)
    – (Available for STM1404A only)
■ Low battery supply current (5.3 µA typ)
■ Secure low profile 16-pin, 3 x 3 mm, QFN package
■ RoHS compliance
    – Lead-free components compliant with the RoHS directive




Similar Part No. - STM1404ARNBQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1404ARNBQ6F STMICROELECTRONICS-STM1404ARNBQ6F Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
More results


Similar Description - STM1404ARNBQ6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1403 STMICROELECTRONICS-STM1403 Datasheet
162Kb / 9P
   3V FIPS-140 Security Supervisor with Battery Switchover
STM1403 STMICROELECTRONICS-STM1403_08 Datasheet
361Kb / 34P
   3 V FIPS-140 security supervisor with battery switchover
STM1404 STMICROELECTRONICS-STM1404_08 Datasheet
370Kb / 35P
   3 V FIPS-140 security supervisor with battery switchover
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
   3V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690 Datasheet
445Kb / 31P
   3V Supervisor with Battery Switchover
STM690A STMICROELECTRONICS-STM690A Datasheet
773Kb / 37P
   5V Supervisor with Battery Switchover
STM690 STMICROELECTRONICS-STM690_10 Datasheet
960Kb / 42P
   3 V supervisor with battery switchover
STM690A STMICROELECTRONICS-STM690A_10 Datasheet
1Mb / 43P
   5 V supervisor with battery switchover
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
   Serial RTC with battery switchover
logo
Maxim Integrated Produc...
MAX4959 MAXIM-MAX4959 Datasheet
335Kb / 17P
   High-Voltage OVP with Battery Switchover
Rev 0; 7/07
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com