Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR-A2D3B-FREQ Datasheet (PDF) - Nel Frequency Controls,inc

SR-A2D3B-FREQ Datasheet PDF - Nel Frequency Controls,inc
Part # SR-A2D3B-FREQ
Download  SR-A2D3B-FREQ Download

File Size   147.95 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description LVDS

SR-A2D3B-FREQ Datasheet (PDF)

Go To PDF Page Download Datasheet
SR-A2D3B-FREQ Datasheet PDF - Nel Frequency Controls,inc

Part # SR-A2D3B-FREQ
Download  SR-A2D3B-FREQ Click to download

File Size   147.95 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description LVDS

SR-A2D3B-FREQ Datasheet (HTML) - Nel Frequency Controls,inc

SR-A2D3B-FREQ Datasheet HTML 1Page - Nel Frequency Controls,inc SR-A2D3B-FREQ Datasheet HTML 2Page - Nel Frequency Controls,inc

SR-A2D3B-FREQ Product details

Description
The SR-A2D30 Series of quartz crystal oscillators provides a LVDS compatible signal. This device uses multiple ground pins for improved signal integrity.

Features
• Wide frequency range - 250.0MHz to 750.0MHz
• Patent Pending, harmonic multiplication for extremely low jitter
• High frequency output eliminates the need for PLL multiplication
• Stabilities over temperatures as low as ±20ppm eliminates SAW oscillator temperature problems
• 3.3V and 2.5V version available
• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions
• User specified tolerance available
• Cover connected to ground
• Will withstand SMD reflow temperatures of 183°C for 4 minutes maximum
• High shock resistance, to 1000g




Similar Part No. - SR-A2D3B-FREQ

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SR-A2D30 NEL-SR-A2D30_11 Datasheet
82Kb / 3P
   LVDS
More results


Similar Description - SR-A2D3B-FREQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
   3.3V LVDS-LVDS Buffer
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
   LVDS Oscillator LVDS Output
logo
Nel Frequency Controls,...
PJ-B2D00 NEL-PJ-B2D00_10 Datasheet
155Kb / 3P
   LVDS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Nel Frequency Controls,...
SK-B2D00 NEL-SK-B2D00_10 Datasheet
100Kb / 3P
   LVDS
SR-A2D20 NEL-SR-A2D20 Datasheet
82Kb / 3P
   LVDS
SU-A2D10 NEL-SU-A2D10_12 Datasheet
138Kb / 3P
   LVDS
SK-A2D00 NEL-SK-A2D00_10 Datasheet
100Kb / 3P
   LVDS
PJ-A2D00 NEL-PJ-A2D00_10 Datasheet
155Kb / 3P
   LVDS
SD-X2D00 NEL-SD-X2D00 Datasheet
196Kb / 3P
   LVDS
SU-A2D30 NEL-SU-A2D30 Datasheet
145Kb / 2P
   LVDS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com