Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-B2980-170.0 Datasheet (PDF) - Nel Frequency Controls,inc

PJ-B2980-170.0 Datasheet PDF - Nel Frequency Controls,inc
Part # PJ-B2980-170.0
Download  PJ-B2980-170.0 Download

File Size   55.85 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge

PJ-B2980-170.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-B2980-170.0 Datasheet PDF - Nel Frequency Controls,inc

Part # PJ-B2980-170.0
Download  PJ-B2980-170.0 Click to download

File Size   55.85 Kbytes
Page   2 Pages
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc
Description CRYSTAL CLOCK OSCILLATORS Differential Positive ECL (DPECL) Fast Edge

PJ-B2980-170.0 Datasheet (HTML) - Nel Frequency Controls,inc

PJ-B2980-170.0 Datasheet HTML 1Page - Nel Frequency Controls,inc PJ-B2980-170.0 Datasheet HTML 2Page - Nel Frequency Controls,inc

PJ-B2980-170.0 Product details

Description

The PJ-B2980 Series of quartz crystal oscillators provide DPECL Fast Edge compatible signals. Systems designers may now specify space-saving, cost-effective packaged PECL oscillators to meet their timing requirements.



Features

• Wide frequency range–60.0MHz to 312.5MHz

• User specified tolerance available

• Space-saving alternative to discrete component oscillators

• High shock resistance, to 1000g

• 2.5 volt operation

• Metal lid electrically connected to ground to reduce EMI

• High Reliability - NEL HALT/HASS qualified for crystal oscillator start-up conditions

• Low Jitter - Wavecrest jitter characterization available

• Overtone technology

• High Q Crystal actively tuned oscillator circuit

• Power supply decoupling internal

• No internal PLL avoids cascading PLL problems

• High frequencies due to proprietary design

• Gold plated pads

• RoHS Compliant, Lead Free Construction



 




Similar Part No. - PJ-B2980-170.0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
PJ-B2980 NEL-PJ-B2980_10 Datasheet
160Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
More results


Similar Description - PJ-B2980-170.0

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2920 NEL-HS-2920 Datasheet
261Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HS-A2920 NEL-HS-A2920 Datasheet
262Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
PJ-B2980 NEL-PJ-B2980_10 Datasheet
160Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
PJ-A2980 NEL-PJ-A2980_10 Datasheet
160Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
HS-2920 NEL-HS-2920_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HS-A2920 NEL-HS-A2920_10 Datasheet
62Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
SJ-A2920 NEL-SJ-A2920_10 Datasheet
105Kb / 3P
   Differential Positive ECL (DPECL) Fast Edge
SJ-A2920 NEL-SJ-A2920 Datasheet
353Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
SD-A29H0 NEL-SD-A29H0 Datasheet
183Kb / 2P
   Differential Positive ECL (DPECL) Fast Edge
HA-2870 NEL-HA-2870_10 Datasheet
65Kb / 2P
   Differential Positive ECL (DPECL)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com