Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5532B Datasheet (PDF) - Analog Devices

AD5532B Datasheet PDF - Analog Devices
Part # AD5532B
Download  AD5532B Download

File Size   443.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode

AD5532B Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5532B Datasheet PDF - Analog Devices

Part # AD5532B
Download  AD5532B Click to download

File Size   443.61 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode

AD5532B Datasheet (HTML) - Analog Devices

Back Button AD5532B Datasheet HTML 1Page - Analog Devices AD5532B Datasheet HTML 2Page - Analog Devices AD5532B Datasheet HTML 3Page - Analog Devices AD5532B Datasheet HTML 4Page - Analog Devices AD5532B Datasheet HTML 5Page - Analog Devices AD5532B Datasheet HTML 6Page - Analog Devices AD5532B Datasheet HTML 7Page - Analog Devices AD5532B Datasheet HTML 8Page - Analog Devices AD5532B Datasheet HTML 9Page - Analog Devices AD5532B Datasheet HTML 10Page - Analog Devices Next Button 

AD5532B Product details

GENERAL DESCRIPTION
The AD5532B is a 32-channel, voltage output, 14-bit DAC with an additional precision infinite sample-and-hold mode. The selected DAC register is written to via the 3-wire serial interface and VOUT for this DAC is then updated to reflect the new contents of the DAC register. DAC selection is accomplished via address bits A0–A4. The output voltage range is determined by the offset voltage at the OFFS_IN pin and the gain of the output amplifier. It is restricted to a range from VSS + 2 V to VDD – 2 V because of the headroom of the output amplifier.
   
FEATURES
    High Integration:
        32-Channel DAC in 12 mm x 12 mm CSPBGA
    Guaranteed Monotonic to 14 Bits
    Infinite Sample-and-Hold Capability to ±0.018% Accuracy
    Infinite Sample-and-Hold Total Unadjusted Error ±2.5 mV
    Adjustable Voltage Output Range
    Readback Capability
    DSP/Microcontroller Compatible Serial Interface
    Output Impedance 0.5 Ω
    Output Voltage Span 10 V
    Temperature Range –40°C to +85°C
   
APPLICATIONS
    Automatic Test Equipment
    Optical Networks
    Level Setting
    Instrumentation
    Industrial Control Systems
    Data Acquisition
    Low Cost I/O
   




Similar Part No. - AD5532B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5532BBC-1 AD-AD5532BBC-1 Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
More results


Similar Description - AD5532B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
logo
Maxim Integrated Produc...
DS4303 MAXIM-DS4303 Datasheet
421Kb / 8P
   Voltage Sample and Infinite Hold
Rev 0; 3/05
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
   Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5331 MAXIM-MAX5331 Datasheet
900Kb / 16P
   12-Bit DACs with 32-Channel Sample-and-Hold Outputs
19-3563; Rev 1; 5/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
logo
Analog Devices
AD883B AD-AD883B_15 Datasheet
297Kb / 7P
   Precision Sample and Hold with 16 Channel Multiplexer
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com