Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A43L2616AV-7UF Datasheet (PDF) - AMIC Technology

A43L2616AV-7UF Datasheet PDF - AMIC Technology
Part # A43L2616AV-7UF
Download  A43L2616AV-7UF Download

File Size   1102.6 Kbytes
Page   42 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 Bit X 4 Banks Synchronous DRAM

A43L2616AV-7UF Datasheet (PDF)

Go To PDF Page Download Datasheet
A43L2616AV-7UF Datasheet PDF - AMIC Technology

Part # A43L2616AV-7UF
Download  A43L2616AV-7UF Click to download

File Size   1102.6 Kbytes
Page   42 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 1M X 16 Bit X 4 Banks Synchronous DRAM

A43L2616AV-7UF Datasheet (HTML) - AMIC Technology

Back Button A43L2616AV-7UF Datasheet HTML 1Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 2Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 3Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 4Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 5Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 6Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 7Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 8Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 9Page - AMIC Technology A43L2616AV-7UF Datasheet HTML 10Page - AMIC Technology Next Button 

A43L2616AV-7UF Product details

General Description
The A43L2616A is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 X 1,048,576 words by 16 bits, fabricated with AMIC’s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock.
I/O transactions are possible on every clock cycle. Range of operating frequencies, programmable latencies allows the same device to be useful for a variety of high bandwidth, high performance memory system applications.

Feature
■ JEDEC standard 3.3V power supply
■ LVTTL compatible with multiplexed address
■ Four banks / Pulse RAS
■ MRS cycle with address key programs
   - CAS Latency (2,3)
   - Burst Length (1,2,4,8 & full page)
   - Burst Type (Sequential & Interleave)
■ All inputs are sampled at the positive going edge of the
   system clock
■ Clock Frequency: 166MHz @ CL=3
   143MHz @ CL=3
■ Burst Read Single-bit Write operation
■ DQM for masking
■ Auto & self refresh
■ 64ms refresh period (4K cycle)
■ Commercial Temperature Operation : 0°C~70°C
■ Industrial Temperature Operation : -40°C~85°C for –U
   grade
■ 54 Pin TSOP (II) and 54 Balls CSP (8mm x 8mm)




Similar Part No. - A43L2616AV-7UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L2616 AMICC-A43L2616 Datasheet
1Mb / 41P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2616BV-7F AMICC-A43L2616BV-7F Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2616G-75I AMICC-A43L2616G-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2616G-95I AMICC-A43L2616G-95I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results


Similar Description - A43L2616AV-7UF

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com