Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR9601SFP Datasheet (PDF) - International Rectifier

OMR9601SFP Datasheet PDF - International Rectifier
Part # OMR9601SFP
Download  OMR9601SFP Download

File Size   129.6 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)

OMR9601SFP Datasheet (PDF)

Go To PDF Page Download Datasheet
OMR9601SFP Datasheet PDF - International Rectifier

Part # OMR9601SFP
Download  OMR9601SFP Click to download

File Size   129.6 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)

OMR9601SFP Datasheet (HTML) - International Rectifier

OMR9601SFP Datasheet HTML 1Page - International Rectifier OMR9601SFP Datasheet HTML 2Page - International Rectifier OMR9601SFP Datasheet HTML 3Page - International Rectifier OMR9601SFP Datasheet HTML 4Page - International Rectifier OMR9601SFP Datasheet HTML 5Page - International Rectifier OMR9601SFP Datasheet HTML 6Page - International Rectifier OMR9601SFP Datasheet HTML 7Page - International Rectifier OMR9601SFP Datasheet HTML 8Page - International Rectifier

OMR9601SFP Product details

The OMR9601SF is a space qualified, ultra low dropout linear regulator designed specifically for space applications. This product has been characterized to a total ionizing dose of 1.0 Mrad (Si) per MIL-STD-883, Method 1019, Condition D at both high and low dose rates under biased and unbiased conditions to account for ELDRS effects in bipolar devices. The ultra low dropout voltage of 0.4V @ 3A makes the part particularly useful for applications requiring low noise and higher efficiency.

Features:
■ Total dose to 1.0 Mrad (Si) and low dose ■apabilitiy to 500 krad (Si) allows use in space applications
■ Single Event latchup Immune LET= 84 MeV/(mg/cm2) Fluency = 1x109 ions/cm2
■ Low noise, higher efficiency
■ Ultra low dropout voltage of 0.4V@ 3A out significantly reduces power consumption
■ Remote shutdown permits power sequencing to be easily implemented
■ Hermetic 8-lead flat pack ensures higher reliability
■ K-level screened
■ This part is also available in MO-078 Package as OMR9601SC




Similar Part No. - OMR9601SFP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR9601SFP ETC-OMR9601SFP Datasheet
72Kb / 9P
   1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
More results


Similar Description - OMR9601SFP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH33P253A1M IRF-IRUH33P253A1M Datasheet
80Kb / 8P
   Positive Fixed Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH50P253A1M IRF-IRUH50P253A1M Datasheet
58Kb / 7P
   Ultra Low Dropout Positive Fixed Linear Regulator 5.0Vin to 2.5Vout at 3.0A
IRUH330125AK IRF-IRUH330125AK_12 Datasheet
170Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com