Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDA16N50 Datasheet (PDF) - Fairchild Semiconductor

FDA16N50 Datasheet PDF - Fairchild Semiconductor
Part # FDA16N50
Download  FDA16N50 Download

File Size   902.56 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V N-Channel MOSFET

FDA16N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDA16N50 Datasheet PDF - Fairchild Semiconductor

Part # FDA16N50
Download  FDA16N50 Click to download

File Size   902.56 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V N-Channel MOSFET

FDA16N50 Datasheet (HTML) - Fairchild Semiconductor

FDA16N50 Datasheet HTML 1Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 2Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 3Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 4Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 5Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 6Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 7Page - Fairchild Semiconductor FDA16N50 Datasheet HTML 8Page - Fairchild Semiconductor

FDA16N50 Product details

Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies and active power factor correction.

Features
• 16.5A, 500V, RDS(on) = 0.38Ω @VGS = 10 V
• Low gate charge ( typical 32 nC)
• Low Crss ( typical 20 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FDA16N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
391Kb / 9P
   500V N-Channel MOSFET
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
718Kb / 9P
   500V N-Channel MOSFET
FDA16N50 FAIRCHILD-FDA16N50 Datasheet
438Kb / 8P
   Optimized Switch for Discontinuous Current Mode Power Factor Correction
logo
Inchange Semiconductor ...
FDA16N50 ISC-FDA16N50 Datasheet
346Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FDA16N50-F109 ONSEMI-FDA16N50-F109 Datasheet
1Mb / 9P
   N-Channel UniFETTM MOSFET 500V, 16.5 A, 380 mΩ
September-2017, Rev. 3
More results


Similar Description - FDA16N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com