Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM7503SC Datasheet (PDF) - List of Unclassifed Manufacturers

OM7503SC Datasheet PDF - List of Unclassifed Manufacturers
Part # OM7503SC
Download  OM7503SC Download

File Size   52.16 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS

OM7503SC Datasheet (PDF)

Go To PDF Page Download Datasheet
OM7503SC Datasheet PDF - List of Unclassifed Manufacturers

Part # OM7503SC
Download  OM7503SC Click to download

File Size   52.16 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS

OM7503SC Datasheet (HTML) - List of Unclassifed Manufacturers

OM7503SC Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7503SC Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7503SC Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7503SC Datasheet HTML 4Page - List of Unclassifed Manufacturers OM7503SC Datasheet HTML 5Page - List of Unclassifed Manufacturers

OM7503SC Product details

[Omnirel]

DESCRIPTION
This series of products offers a positive and a negative fixed voltage regulator in one hermetically sealed, 5 PIN package whose outline is similar to the industry standard TO-247 package. With heat sinking, they can regulate over 1.5 Amp of output current per device. Standard voltages are + or - 5V, 12V and 15V. Other voltages are available upon request. Output voltages are internally trimmed to ±2.0% of nominal voltage. These devices are ideally suited for Military applications where small size and high reliability are required.

FEATURES
• Positive And Negative Regulators In One Package
• Hermetic 5-Pin Metal Package, JEDEC MO-078AA
• Isolated Case
• Output Voltages 5V, 12V and 15V; Other Voltages Available
• Output Voltages Set Internally To ±2.0%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Product Is Available Screened To MIL-S-19500, TX, TXV And S Levels




Similar Part No. - OM7503SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7503SC ETC-OM7503SC Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
More results


Similar Description - OM7503SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7505S ETC-OM7505S Datasheet
36Kb / 5P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
OM7501SM ETC1-OM7501SM Datasheet
32Kb / 5P
   SURFACE MOUNT DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS
OM3901SC ETC2-OM3901SC Datasheet
33Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
OM3901SC ETC2-OM3901SC Datasheet
36Kb / 4P
   DUAL POSITIVE AND NEGATIVE FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWING
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Microsemi Corporation
SG7900 MICROSEMI-SG7900 Datasheet
374Kb / 7P
   negative fixed voltage regulators
logo
M.S. Kennedy Corporatio...
MSK5200-HTU MSK-MSK5200-HTU Datasheet
267Kb / 5P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
List of Unclassifed Man...
MSK5200 ETC1-MSK5200 Datasheet
246Kb / 5P
   DUAL POSITIVE/NEGATIVE 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5200 ANAREN-MSK5200 Datasheet
387Kb / 7P
   DUAL POSITIVE/NEGATIVE, 3 AMP, ULTRA LOW DROPOUT FIXED VOLTAGE REGULATORS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com