Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP13015YLA Datasheet (PDF) - Anachip Corp

AP13015YLA Datasheet PDF - Anachip Corp
Part # AP13015YLA
Download  AP13015YLA Download

File Size   161.35 Kbytes
Page   9 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 300mA Low Dropout (LDO) Linear Regulator

AP13015YLA Datasheet (PDF)

Go To PDF Page Download Datasheet
AP13015YLA Datasheet PDF - Anachip Corp

Part # AP13015YLA
Download  AP13015YLA Click to download

File Size   161.35 Kbytes
Page   9 Pages
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp
Description 300mA Low Dropout (LDO) Linear Regulator

AP13015YLA Datasheet (HTML) - Anachip Corp

AP13015YLA Datasheet HTML 1Page - Anachip Corp AP13015YLA Datasheet HTML 2Page - Anachip Corp AP13015YLA Datasheet HTML 3Page - Anachip Corp AP13015YLA Datasheet HTML 4Page - Anachip Corp AP13015YLA Datasheet HTML 5Page - Anachip Corp AP13015YLA Datasheet HTML 6Page - Anachip Corp AP13015YLA Datasheet HTML 7Page - Anachip Corp AP13015YLA Datasheet HTML 8Page - Anachip Corp AP13015YLA Datasheet HTML 9Page - Anachip Corp

AP13015YLA Product details

 

„ General Descriptions

The AP130 is a 300mA, fixed output voltage, low dropout linear regulator. The Device includes pass element, error amplifier, band-gap, current-limit and thermal shutdown circuitry. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application,

for example, some battery powered devices.



„ Features

- Input voltage range is up to 7V

- Dropout voltage 400mV at 300mA output current

- Guaranteed 300mA output current.

- Internal RON=1.5ΩPMOS draws no base current

- Low quiescent current 50µA

- Output voltage 2% accuracy, 1.5V to 5V with 0.1V step

- Fast transient response

- Good load regulation

- Current limit and thermal shutdown protection

- 3 leads SOT89, TO92 and SOT23 packages




Similar Part No. - AP13015YLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1301 ANACHIP-AP1301 Datasheet
164Kb / 5P
   Single Coil Fan Motor Full Wave Driver
AP1301-S ANACHIP-AP1301-S Datasheet
164Kb / 5P
   Single Coil Fan Motor Full Wave Driver
AP1301-SA ANACHIP-AP1301-SA Datasheet
164Kb / 5P
   Single Coil Fan Motor Full Wave Driver
AP1301-SL ANACHIP-AP1301-SL Datasheet
164Kb / 5P
   Single Coil Fan Motor Full Wave Driver
AP1301-SLA ANACHIP-AP1301-SLA Datasheet
164Kb / 5P
   Single Coil Fan Motor Full Wave Driver
More results


Similar Description - AP13015YLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com