Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2005200P12 Datasheet (PDF) - PREMIER DEVICES, INC.

R2005200P12 Datasheet PDF - PREMIER DEVICES, INC.
Part # R2005200P12
Download  R2005200P12 Download

File Size   129.16 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Reverse, 5 - 200MHz, 20.0dB typ. Gain @ 200MHz, 360mA max. @ 12VDC

R2005200P12 Datasheet (PDF)

Go To PDF Page Download Datasheet
R2005200P12 Datasheet PDF - PREMIER DEVICES, INC.

Part # R2005200P12
Download  R2005200P12 Click to download

File Size   129.16 Kbytes
Page   4 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description GaAs Reverse, 5 - 200MHz, 20.0dB typ. Gain @ 200MHz, 360mA max. @ 12VDC

R2005200P12 Datasheet (HTML) - PREMIER DEVICES, INC.

R2005200P12 Datasheet HTML 1Page - PREMIER DEVICES, INC. R2005200P12 Datasheet HTML 2Page - PREMIER DEVICES, INC. R2005200P12 Datasheet HTML 3Page - PREMIER DEVICES, INC. R2005200P12 Datasheet HTML 4Page - PREMIER DEVICES, INC.



Similar Part No. - R2005200P12

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R2005200P12 RFMD-R2005200P12 Datasheet
266Kb / 3P
   GaAs Reverse Hybrid 5MHz to 200MHz
More results


Similar Description - R2005200P12

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
R2005240P12 PDI-R2005240P12 Datasheet
129Kb / 4P
   GaAs Reverse, 5 - 200MHz, 24.2dB typ. Gain @ 200MHz, 360mA max. @ 12VDC
R2005240 PDI-R2005240 Datasheet
63Kb / 4P
   Si Reverse, 5 - 200MHz, 24.6dB typ. Gain @ 200MHz, 235A max. @ 24VDC
R2005350L PDI-R2005350L Datasheet
64Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 35.2dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
R2005280L PDI-R2005280L Datasheet
63Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 28.2dB typ. Gain @ 200MHz, 135mA max. @ 24VDC
R2005300L PDI-R2005300L Datasheet
129Kb / 4P
   Si Reverse, low current, 5 - 200MHz, 30.0dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
logo
RF Micro Devices
R2005240P12 RFMD-R2005240P12 Datasheet
265Kb / 3P
   GaAs Reverse Hybrid 5MHz to 200MHz
R2005200P12 RFMD-R2005200P12 Datasheet
266Kb / 3P
   GaAs Reverse Hybrid 5MHz to 200MHz
logo
Qorvo, Inc
R2005300L QORVO-R2005300L Datasheet
193Kb / 4P
   CATV Reverse Hybrid 200MHz 30dB
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Qorvo, Inc
R2005350L QORVO-R2005350L Datasheet
196Kb / 5P
   CATV Reverse Hybrid 200MHz 35dB
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com