Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX-428-DPC-B3P8B Datasheet (PDF) - Vectron International, Inc

FX-428-DPC-B3P8B Datasheet PDF - Vectron International, Inc
Part # FX-428-DPC-B3P8B
Download  FX-428-DPC-B3P8B Download

File Size   144.41 Kbytes
Page   8 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter Frequency Translator

FX-428-DPC-B3P8B Datasheet (PDF)

Go To PDF Page Download Datasheet
FX-428-DPC-B3P8B Datasheet PDF - Vectron International, Inc

Part # FX-428-DPC-B3P8B
Download  FX-428-DPC-B3P8B Click to download

File Size   144.41 Kbytes
Page   8 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter Frequency Translator

FX-428-DPC-B3P8B Datasheet (HTML) - Vectron International, Inc

FX-428-DPC-B3P8B Datasheet HTML 1Page - Vectron International, Inc FX-428-DPC-B3P8B Datasheet HTML 2Page - Vectron International, Inc FX-428-DPC-B3P8B Datasheet HTML 3Page - Vectron International, Inc FX-428-DPC-B3P8B Datasheet HTML 4Page - Vectron International, Inc FX-428-DPC-B3P8B Datasheet HTML 5Page - Vectron International, Inc FX-428-DPC-B3P8B Datasheet HTML 6Page - Vectron International, Inc FX-428-DPC-B3P8B Datasheet HTML 7Page - Vectron International, Inc FX-428-DPC-B3P8B Datasheet HTML 8Page - Vectron International, Inc

FX-428-DPC-B3P8B Product details

Description
The FX-427 is a precision quartz-based frequency translator used to translate 1 to 4 selected input clocks as low as 8 kHz to an integer multiple as high as 850 MHz. The FX-427’s superior jitter performance is achieved through the filtering action of the on-board voltage-controlled SAW oscillator (VCSO) and integrated loop filter. Two low-jitter outputs are provided. Monitoring and control functionality are also standard features.

Features
•  Quartz-based PLL for Ultra-Low Jitter
•  Frequency Translation up to 850 MHz
•  Accepts 4 externally-muxed clock inputs
•  LVCMOS/LVDS/LVPECL Inputs Compatible
•  Differential LVPECL Outputs
•  Lock Detect
•  Output Disable
•  20.3 x 13.7 x 5.1 mm surface mount package
•  Compliant to EC RoHS Directive

Applications
•  Wireless Infrastructure
•  802.16 BTS
•  10 Gigabit FC
•  10GbE LAN / WAN
•  OADM and IP Routers
•  Test Equipment




Similar Part No. - FX-428-DPC-B3P8B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
148Kb / 9P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
499Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A1C1 VECTRON-FX-424-DAC-A1C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-424-DAC-A2C1 VECTRON-FX-424-DAC-A2C1 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
More results


Similar Description - FX-428-DPC-B3P8B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
   Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
   Low Jitter Frequency Translator
FX-424 VECTRON-FX-424 Datasheet
268Kb / 8P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
   Low Jitter Frequency Translator
FX-400 VECTRON-FX-400_11 Datasheet
624Kb / 10P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_09 Datasheet
276Kb / 7P
   Low Jitter Frequency Translator
FX-700 VECTRON-FX-700_09 Datasheet
283Kb / 7P
   Low Jitter Frequency Translator
FX-500 VECTRON-FX-500 Datasheet
1,013Kb / 6P
   Low Jitter Frequency Translator
FX-400-EAE-K VECTRON-FX-400-EAE-K Datasheet
365Kb / 9P
   Low Jitter Frequency Translator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com